Electronic Components Datasheet Search |
|
CPDQC5V0CSP-HF Datasheet(PDF) 1 Page - Comchip Technology |
|
CPDQC5V0CSP-HF Datasheet(HTML) 1 Page - Comchip Technology |
1 / 4 page CPDQC5V0CSP-HF Low Capacitance ESD Protection Diode Page 1 QW-G7076 REV:A Comchip Technology CO., LTD. RoHS Device Halogen Free Mechanical data - Case: 0402C/SOD-923F small outline plastic package. molded plastic. - Terminals: Matte tin plated, solderable per MIL-STD-750, method 2026. - Mounting position: Any. - Weight: 0.001 grams(approx.). - High temperature soldering guaranteed: 260°C/10 second. Features - Working Voltage: 5V - Typical capacitance: 0.3pF - IEC61000-4-2 Level 4 ESD protection. kV W 60 VESD PPP °C -55 to +150 -55 to +150 TJ Operating temperature rang ESD per IEC 61000-4-2(Air) Peak pulse power ( tp = 8/20µs waveform) Parameter Symbol Value Unit Maximum Rating ( at TA=25°C unless otherwise noted ) ESD per IEC 61000-4-2(Contact) Storage temperature rang TSTG ±8 °C nA V 5 IR VRWM Reverse leakage current Reverse stand-off voltage Parameter Conditions Symbol Min Typ Max Unit VR = 5 V Electrical Characteristics ( at TA=25°C unless otherwise noted ) Reverse breakdown voltage IR = 1 mA V(BR) Clamping voltage IPP= 1 A VC V 20 6 Junction capacitance CJ 0.6 pF 100 15 V IPP= 3A V VC 10 VR= 0V , F=1MHz - - - - 13 18 0.3 - - - Company reserves the right to improve product design , functions and reliability without notice. Circuit diagram Dimensions in inches and (millimeter) 0402C/SOD-923F 0.041(1.05) 0.037(0.95) 0.026(0.65) 0.022(0.55) 0.022(0.55) 0.022(0.55) 0.018(0.45) 0.012(0.30) 0.008(0.20) 0.018(0.45) 0.001(0.02) Max. - Bi-directional ESD protection. ±15 - |
Similar Part No. - CPDQC5V0CSP-HF |
|
Similar Description - CPDQC5V0CSP-HF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |