Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC279MS8G Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC279MS8G
Description  GaAs MMIC DRIVER AMPLIFIER 2.5 - 4.2 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC279MS8G Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC279MS8G Datasheet HTML 1Page - Hittite Microwave Corporation HMC279MS8G Datasheet HTML 2Page - Hittite Microwave Corporation HMC279MS8G Datasheet HTML 3Page - Hittite Microwave Corporation HMC279MS8G Datasheet HTML 4Page - Hittite Microwave Corporation HMC279MS8G Datasheet HTML 5Page - Hittite Microwave Corporation HMC279MS8G Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MICROWAVE CORPORATION
8 - 6
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC279MS8G
GaAs MMIC DRIVER AMPLIFIER
2.5 - 4.2 GHz
v02.0701
Evaluation PCB
The circuit board used in the final application should
use RF circuit design techniques. Signal lines should
have 50 ohm impedance while the package ground
leads and exposed paddle should be connected
directly to the ground plane similar to that shown. A
sufficient number of VIA holes should be used to con-
nect the top and bottom ground planes. The evalua-
tion circuit board shown is available from Hittite upon
request.
List of Material
Item
Description
J1, J2
PC Mount SMA Connector
J3
DC Pin
U1
HMC279MS8G Amplifier
PCB*
102810 Evaluation Board
*Circuit Board Material: Roger 4350


Similar Part No. - HMC279MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC279MS8G HITTITE-HMC279MS8G Datasheet
229Kb / 6P
   GaAs MMIC DRIVER AMPLIFIER 2.5 - 4.2 GHz
HMC279MS8G HITTITE-HMC279MS8G_01 Datasheet
229Kb / 6P
   GaAs MMIC DRIVER AMPLIFIER 2.5 - 4.2 GHz
HMC279MS8G HITTITE-HMC279MS8G_10 Datasheet
177Kb / 6P
   GaAs MMIC DRIVER AMPLIFIER 2.5 - 4.2 GHz
More results

Similar Description - HMC279MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC279MS8G HITTITE-HMC279MS8G_01 Datasheet
229Kb / 6P
   GaAs MMIC DRIVER AMPLIFIER 2.5 - 4.2 GHz
HMC279MS8G HITTITE-HMC279MS8G_10 Datasheet
177Kb / 6P
   GaAs MMIC DRIVER AMPLIFIER 2.5 - 4.2 GHz
logo
Fairchild Semiconductor
RMPA2451 FAIRCHILD-RMPA2451 Datasheet
489Kb / 7P
   2.4-2.5 GHz GaAs MMIC Power Amplifier
RMPA2450 FAIRCHILD-RMPA2450 Datasheet
155Kb / 6P
   2.4-2.5 GHz GaAs MMIC Power Amplifier
logo
Hittite Microwave Corpo...
HMC286 HITTITE-HMC286_06 Datasheet
238Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC286 HITTITE-HMC286 Datasheet
153Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC286 HITTITE-HMC286_10 Datasheet
173Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
logo
Skyworks Solutions Inc.
AA038P1-00 SKYWORKS-AA038P1-00 Datasheet
76Kb / 2P
   36-39 GHz GaAs MMIC Driver Amplifier
logo
Alpha Industries
AA026P1-00 ALPHA-AA026P1-00 Datasheet
98Kb / 2P
   25-29 GHz GaAs MMIC Driver Amplifier
AA031P1-00 ALPHA-AA031P1-00 Datasheet
51Kb / 2P
   28-32 GHz GaAs MMIC Driver Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com