Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ3134K-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CJ3134K-HF
Description  MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CJ3134K-HF Datasheet(HTML) 4 Page - Comchip Technology

  CJ3134K-HF Datasheet HTML 1Page - Comchip Technology CJ3134K-HF Datasheet HTML 2Page - Comchip Technology CJ3134K-HF Datasheet HTML 3Page - Comchip Technology CJ3134K-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
QW-JTR14
Comchip Technology CO., LTD.
Page 4
REV:A
MOSFET
Comchip
S M D D i o d e S p e c i a l i s t
Suggested PAD Layout
A
E
D
SIZE
(inch)
0.012
(mm)
0.30
0.42
0.80
0.017
0.031
SOT-723
1.00
0.039
A
B
D
E
Standard Packaging
Case Type
Qty Per Reel
(Pcs)
8,000
SOT-723
Reel Size
(inch)
7
Company reserves the right to improve product design , functions and reliability without notice.
B
0.32
0.013
C
A
C


Similar Part No. - CJ3134K-HF

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ3134K-SOT23 ZPSEMI-CJ3134K-SOT23 Datasheet
1Mb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
CJ3134K-SOT723 ZPSEMI-CJ3134K-SOT723 Datasheet
1Mb / 3P
   SOT-723 Plastic-Encapsulate MOSFETS
More results

Similar Description - CJ3134K-HF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
   MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
logo
International Rectifier
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
International Rectifier
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
   SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
Sanken electric
2SJ425 SANKEN-2SJ425 Datasheet
34Kb / 1P
   MOSFET
2SK1178 SANKEN-2SK1178 Datasheet
34Kb / 1P
   MOSFET
2SK2708 SANKEN-2SK2708 Datasheet
35Kb / 1P
   MOSFET
2SK2803 SANKEN-2SK2803 Datasheet
25Kb / 2P
   MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com