Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC272MS8 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC272MS8
Description  GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC272MS8 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC272MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC272MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC272MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC272MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC272MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC272MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MICROWAVE CORPORATION
12 - 104
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
v01.0801
HMC272MS8
MxN Spurious Outputs
15
16
17
18
19
20
21
22
23
24
25
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
FREQUENCY (GHz)
+7 dBm
+10 dBm
+13 dBm
15
16
17
18
19
20
21
22
23
24
25
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
FREQUENCY (GHz)
+25C
+85C
-40C
Input IP3 vs. LO Drive
Input IP3 vs.
Temperature @ LO = +10 dBm
Input IP2 vs. LO Drive
20
30
40
50
60
70
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
FREQUENCY (GHz)
+7 dBm
+10 dBm
+13 dBm
P1dB vs.
Temperature @ LO = +10 dBm
Harmonics of LO
5
6
7
8
9
10
11
12
13
14
15
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
FREQUENCY (GHz)
+25 C
+85 C
-55 C
GaAs MMIC SMT SINGLE
BALANCED MIXER, 1.7 - 3 GHz
nLO
mRF
01234
0xx
-8
4
3
27
1
9
0
38
28
43
2
6458614467
3
8289959287
4
106
>110
>110
>107
>110
RF = 2.6 GHz @ -10 dBm
LO = 2.2 GHz @ +13 dBm
All values in dBc relative to the IF
nLO Spur at RF Port
LO Frequency (GHz)
1
2
3
4
1.5
44
19
42
50
1.7
40
16
42
53
1.9
39
18
40
53
2.1
42
20
35
55
2.3
43
23
36
55
2.5
35
26
37
56
LO = +10 dBm
Values in dBc below input LO level measured at the RF port.


Similar Part No. - HMC272MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC272MS8 HITTITE-HMC272MS8 Datasheet
285Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC272MS8 HITTITE-HMC272MS8 Datasheet
169Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER
HMC272MS8 HITTITE-HMC272MS8_01 Datasheet
169Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER
HMC272MS8 HITTITE-HMC272MS8_06 Datasheet
285Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC272MS8 HITTITE-HMC272MS8_12 Datasheet
745Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
More results

Similar Description - HMC272MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC285 HITTITE-HMC285_07 Datasheet
186Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
HMC285 HITTITE-HMC285 Datasheet
215Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
HMC285 HITTITE-HMC285_08 Datasheet
189Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
HMC272MS8 HITTITE-HMC272MS8_12 Datasheet
745Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC272AMS8 HITTITE-HMC272AMS8 Datasheet
399Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC272MS8 HITTITE-HMC272MS8_06 Datasheet
285Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC304MS8 HITTITE-HMC304MS8_08 Datasheet
181Kb / 6P
   GaAs MMIC HIGH IP3 SINGLE-BALANCED SMT MIXER, 1.7 - 3 GHz
HMC340LP5 HITTITE-HMC340LP5 Datasheet
274Kb / 8P
   GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
HMC340LP5 HITTITE-HMC340LP5_05 Datasheet
374Kb / 8P
   GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
HMC340LP5 HITTITE-HMC340LP5_10 Datasheet
258Kb / 8P
   GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com