Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HMC272MS8 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part No. HMC272MS8
Description  GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC272MS8 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MICROWAVE CORPORATION
12 - 103
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
v01.0801
-25
-20
-15
-10
-5
0
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
+85 C
-40 C
+25 C
IF = 400 MHz
-60
-50
-40
-30
-20
-10
0
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
LO/IF
RF/IF
LO/RF
Conversion Gain vs.
Temperature @ LO = +10 dBm
HMC272MS8
-25
-20
-15
-10
-5
0
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
+13dBm
+10dBm
+7dBm
+5dBm
+9dBm
IF = 400 MHz
-25
-20
-15
-10
-5
0
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
800 MHz
400 MHz
100 MHz
-25
-20
-15
-10
-5
0
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
RF
LO
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
IF FREQUENCY (GHz)
IF Conversion Gain
IF Return Loss
Isolation @ LO = +10 dBm
Conversion Gain vs. LO Drive
Return Loss @ LO = +10 dBm
Conversion Gain vs. IF Frequency
IF Bandwidth @ LO = +10 dBm.
Conversion Gain & Return Loss
GaAs MMIC SMT SINGLE
BALANCED MIXER, 1.7 - 3 GHz


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn