Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ431K-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CJ431K-HF
Description  Encapsulate Adjustable Reference Source
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CJ431K-HF Datasheet(HTML) 2 Page - Comchip Technology

  CJ431K-HF Datasheet HTML 1Page - Comchip Technology CJ431K-HF Datasheet HTML 2Page - Comchip Technology CJ431K-HF Datasheet HTML 3Page - Comchip Technology CJ431K-HF Datasheet HTML 4Page - Comchip Technology CJ431K-HF Datasheet HTML 5Page - Comchip Technology CJ431K-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics ( Ta=25°C unless otherwise specified )
Parameter
Conditions
Typ.
Max.
Unit
IKA
10mA
=
Min.
Off-state cathode current (Fig.3)
Dynamic impedance
4.5
V
-2.7
0.5
0.15
V
mV/V
Ω
lKA =
=
10mA, R1
10 kΩ
R2
=
4
1.5
µA
Reference input current ( ig.2)
F
lKA
10mA, R1 = 10 kΩ
=
R2 = ∞
Ta
full Temperature
=
1.2
VKA
VREF
=
regulation (Fig.1)
Minimum cathode current for
0.45
0.4
mA
µA
1.0
VKA
VREF
, IKA
10mA
=
=
Tmin ≤ Ta ≤ Tmax
Deviation of reference input voltage
over temperature (note) ( ig.1)
F
17
mV
Reference input voltage ( ig.1)
F
Ratio of change in reference input
voltage to the change in cathode
voltage ( ig.2)
F
Deviation of reference input current
over full temperature range ( ig.2)
F
VKA
VREF
, IKA
10mA
=
=
Symbol
△Vref
/ T
/
Vref
VKA
IKA(OFF)
ZKA
lref
IKA(min)
△lref △T
/
Vref
= 10V
VKA
~VREF
= 36V~
VKA
10V
VKA
40V, VREF
0
=
=
µA
VKA =
,
=
VREF lKA
1 to 100mA
f
1.0kHz
2.470
2.520
-1.0
-2.0
-0.5
mV/V
0.05
0.5
Note: TMIN= 0°C, TMAX= +70°C
Range
Rank
2.482 - 2.508
1%
2.47 - 2.52
0.5%
Classification of Vref
Page 2
REV: A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Encapsulate Adjustable Reference Source
Fig.1 - Test Circuit for VKA = Vref
VKA
IK
Fig.2 - Test Circuit
VKA > Vref
for
Fig.3 - Test Circuit
Ioff
for
Vref
lnput
VKA
lnput
lref
IK
Vref
R1
R2
VKA
lnput
Ioff
VKA =
(
lref‧R1
Vref 1+R1/R2)+
QW-JKA01


Similar Part No. - CJ431K-HF

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ431K-SOT23 ZPSEMI-CJ431K-SOT23 Datasheet
834Kb / 2P
   SOT-23 Encapsulate Adjustable Reference Source
CJ431K-TO92 ZPSEMI-CJ431K-TO92 Datasheet
606Kb / 1P
   TO-92 Encapsulate Adjustable Reference Source
More results

Similar Description - CJ431K-HF

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
TL431 HOTTECH-TL431 Datasheet
257Kb / 2P
   Plastic-Encapsulate Adjustable Reference Source
logo
SHENZHEN SLS TECHNOLOGY...
SLS431 SHENZHENSLS-SLS431 Datasheet
585Kb / 3P
   Encapsulate Precision Adjustable Reference Source
logo
Jiangsu Changjiang Elec...
CD431 JIANGSU-CD431 Datasheet
2Mb / 3P
   SOT-23 Encapsulate Adjustable Reference Source
logo
Jiangsu High diode Semi...
TL431B HDSEMI-TL431B Datasheet
2Mb / 6P
   SOT-23 Encapsulate Adjustable Reference Source
TL431-TO-92 HDSEMI-TL431-TO-92 Datasheet
2Mb / 5P
   TO-92 Encapsulate Adjustable Reference Source
logo
ZP Semiconductor
CJ432-TO92 ZPSEMI-CJ432-TO92 Datasheet
887Kb / 2P
   TO-92 Encapsulate Adjustable Reference Source
logo
Jiangsu High diode Semi...
TL431-SOT-23 HDSEMI-TL431-SOT-23 Datasheet
2Mb / 6P
   SOT-23 Encapsulate Adjustable Reference Source
logo
ZP Semiconductor
CJ431K-TO92 ZPSEMI-CJ431K-TO92 Datasheet
606Kb / 1P
   TO-92 Encapsulate Adjustable Reference Source
CJ432-SOT23 ZPSEMI-CJ432-SOT23 Datasheet
823Kb / 2P
   SOT-23 Encapsulate Adjustable Reference Source
logo
SHIKUES Electronics
TL432 SKTECHNOLGY-TL432 Datasheet
1,017Kb / 5P
   SOT-23 Encapsulate Adjustable Reference Source
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com