Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGRA4002-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CGRA4002-HF
Description  SMD General Purpose Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CGRA4002-HF Datasheet(HTML) 2 Page - Comchip Technology

  CGRA4002-HF Datasheet HTML 1Page - Comchip Technology CGRA4002-HF Datasheet HTML 2Page - Comchip Technology CGRA4002-HF Datasheet HTML 3Page - Comchip Technology CGRA4002-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QW-JG009
Rating and Characteristic Curves (CGRA4001-HF Thru. CGRA4007-HF)
Comchip Technology CO., LTD.
Page 2
REV:A
SMD General Purpose Rectifiers
100
10
1
0.01
0.1
1.0
10
100
Heating Time, (SEC.)
Fig.5 - Transient Thermal Impedance
Units Mounted on
20in² (5.4mm)+0.5mil
inches(0.013mm)
Thick Copper Land Areas
1000
Fig.6 - Typical Junction Capacitance
100
Reverse Voltage, (V)
10
1.0
0.1
00
10
1
1
Vsig=50mVp-p
TJ=25°C
f=1MHz
0.01
80
140
60
40
20
0
100
10
1
100
0.001
0
15
30
Number Of Cycles At 60Hz
Fig.3 - Typical Reverse Characteristics
Percent Of Peak Reverse Voltage, (%)
8.3ms Single Half Sine-Wave
(JEDEC Method)
Fig.4 - Maximum Non-Repetitive peak
Forward Surge Current
25
20
10
5
10
1.0
0.1
100
120
TJ=75°C
TJ=25°C
TJ=100°C
0
0.2
0.6
0.4
0.8
1.0
160
80
60
40
20
0
Fig.1 - Forward Current Derating Curve
1.2
1.8
1.4
1.0
0.8
1.0
100
0.4
10
0.1
Lead Temperature, (°C)
Instantaneous Forward Voltage, (V)
Fig.2 - Typical Instantaneous Forward
Characteristics
0.6
1.2
1.6
TJ=25°C
2% Duty Cycle
Pulse width = 300µs
1.4
1.6
100
120
140
Single Phase Half Wave 60Hz
Resistive or inductive Load
P.C.B Mounted on 0.315x0.315”(8.0x8.0mm)
Thick Copper Pad Areas
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - CGRA4002-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CGRA4002-G COMCHIP-CGRA4002-G Datasheet
47Kb / 2P
   SMD General Purpose Rectifiers
More results

Similar Description - CGRA4002-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CGRKM-HF COMCHIP-CGRKM-HF Datasheet
113Kb / 5P
   SMD General Purpose Rectifiers
ACGRAS1W-HF COMCHIP-ACGRAS1W-HF Datasheet
94Kb / 4P
   SMD General Purpose Rectifiers
ACGRB201-HF COMCHIP-ACGRB201-HF Datasheet
102Kb / 4P
   SMD General Purpose Rectifiers
ACGRMS4007-HF COMCHIP-ACGRMS4007-HF Datasheet
95Kb / 4P
   SMD General Purpose Rectifiers
ACGRBT201-HF COMCHIP-ACGRBT201-HF Datasheet
122Kb / 4P
   SMD General Purpose Rectifiers
CGRAT101-HF COMCHIP-CGRAT101-HF Datasheet
1Mb / 4P
   SMD General Purpose Rectifiers
CGRBT301-HF COMCHIP-CGRBT301-HF Datasheet
526Kb / 4P
   SMD General Purpose Rectifiers
CGRM4001-G COMCHIP-CGRM4001-G_12 Datasheet
97Kb / 4P
   SMD General Purpose Rectifiers
CGRAT101-HF COMCHIP-CGRAT101-HF Datasheet
1Mb / 4P
   SMD General Purpose Rectifiers
CGRB301-G COMCHIP-CGRB301-G Datasheet
46Kb / 2P
   SMD General Purpose Rectifiers
CGRC301-HF COMCHIP-CGRC301-HF Datasheet
160Kb / 4P
   SMD General Purpose Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com