Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C2409-1HLIE Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6C2409-1HLIE
Description  Zero-Delay Clock Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2409-1HLIE Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6C2409-1HLIE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2409-1HLIE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2409-1HLIE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2409-1HLIE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2409-1HLIE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2409-1HLIE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C2409-1HLIE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C2409-1HLIE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
PI6C2409-1H
Zero-Delay Clock Buffer
www.pericom.com
11/21/ 2015
All trademarks are property of their respective owners.
AC Electrical Characteristics for Commercial Temperature Devices
Parameters
Description
Test Conditions
Min.
Typ.
Max.
Units
FO
OutputFrequency
30pFload
10.0
100
MHz
10pFload
133
tDC
DutyCycle(1)
MeasuredatVDD/2,
FO=66.67MHz
40.0
50
60.0
%
DutyCycle(1)
MeasuredatVDD/2V,
FO<50MHz
45.0
55.0
tR
RiseTime(1)
Measuredbetween0.8Vand2.0V
1.5
ns
tF
FallTime(1)
1.5
tSK(O)
OutputtoOutputSkew(1)
Alloutputsequallyloaded
250
ps
t0
Delay,CLKINRisingEdge
toOUT0RisingEdge(1)
MeasuredatVDD/2
0
±350
tSK(D)
Device-to-DeviceSkew(1)
MeasuredatVDD/2onOUT0pins
ofdevices
0
700
tSLEW
OutputSlewRate(1)
Measuredbetween0.8V&2.0V
on–1HdeviceusingTestCrt#2
1
V/ns
tJIT
Cycle-to-CycleJitter(1)
Measuredat66.67MHz,
loaded30pFload
200
ps
tLOCK
PLLLockTime(1)
Stablepowersupply,validclocks
presentedonCLKINpin
1.0
ms
Note:
1. SeeSwitchingWaveformsonpage6.
15-0174


Similar Part No. - PI6C2409-1HLIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2409-1HL PERICOM-PI6C2409-1HL Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
More results

Similar Description - PI6C2409-1HLIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
   Zero-Delay Clock Buffer
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
PI6C2404A-1 PERICOM-PI6C2404A-1 Datasheet
241Kb / 6P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A_10 Datasheet
916Kb / 8P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A Datasheet
465Kb / 7P
   Zero-Delay Clock Buffer
PI6C2408 PERICOM-PI6C2408 Datasheet
199Kb / 10P
   Zero-Delay Clock Buffer
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com