Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C2409-1H Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6C2409-1H
Description  Zero-Delay Clock Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2409-1H Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI6C2409-1H Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2409-1H Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2409-1H Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2409-1H Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2409-1H Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2409-1H Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C2409-1H Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C2409-1H Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
PI6C2409-1H
Zero-Delay Clock Buffer
www.pericom.com
11/21/ 2015
All trademarks are property of their respective owners.
Switching Waveforms
tlow
thigh
VDD/2
VDD/2
VDD/2
tF
tR
0.8V
2.0V
0.8V
2.0V
OUTPUT
0V
3.3V
VDD/2
VDD/2
VDD/2
VDD/2
VDD/2
VDD/2
tSK(O)
OUTPUT
OUTPUT
t0
INPUT
OUTPUT
tSK(D)
OUTPUT Device 1
OUTPUT Device 2
Duty Cycle Timing
All Outputs Rise/Fall Time
Output-Output Skew
Input-Output Propagation Delay
Device-Device Skew
tDC = thigh
thigh+tlow
VDD
CLOAD
VDD
GND
GND
CLK out
OUTPUTS
0.1µF
0.1µF
VDD
10pF
VDD
GND
GND
CLK out
OUTPUTS
0.1µF
0.1µF
1k-ohm
1k-ohm
15-0174


Similar Part No. - PI6C2409-1H

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2409-1HL PERICOM-PI6C2409-1HL Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
PI6C2409-1HW PERICOM-PI6C2409-1HW Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
PI6C2409-1HWI PERICOM-PI6C2409-1HWI Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
More results

Similar Description - PI6C2409-1H

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
   Zero-Delay Clock Buffer
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
PI6C2404A-1 PERICOM-PI6C2404A-1 Datasheet
241Kb / 6P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A_10 Datasheet
916Kb / 8P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A Datasheet
465Kb / 7P
   Zero-Delay Clock Buffer
PI6C2408 PERICOM-PI6C2408 Datasheet
199Kb / 10P
   Zero-Delay Clock Buffer
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com