Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C557-05Q Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6C557-05Q
Description  PCIe 2.0 Clock Generator with 4 HCSL Outputs for Automotive Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C557-05Q Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI6C557-05Q Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C557-05Q Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C557-05Q Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C557-05Q Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C557-05Q Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C557-05Q Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C557-05Q Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C557-05Q Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C557-05Q Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
PI6C557-05Q
PCIe® 2.0 Clock Generator with 4 HCSL Outputs for Automotive Applications
www.pericom.com
PI6C557-05Q
Rev B
05/05/14
All trademarks are property of their respective owners.
AC Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
FIN
Input Frequency
25
MHz
VOUT
Output Frequency
HCSL terminal
200
MHz
LVDS terminal
100
VOH
Output High Voltage (1,2)
@VDD = 3.3V
660
700
850
mV
VOL
Output Low Voltage(1,2)
-150
0
27
mV
VCPA
Crossing Point Voltage(1,2)
Absolute
250
350
550
mV
VCN
Crossing Point Voltage(1,2,4)
Variation over all edges
140
mV
JCC
Jitter, Cycle-to-Cycle(1,3)
40
60
ps
JRMS
RMS Jitter
PCIe Gen 2 High Band
2.1
3.1
ps
PCIe Gen 2 Low Band
0.6
3.0
MF
Modulation Frequency
Spread Spectrum
30
31.5
33
kHz
tOR
Rise Time(1,2)
From 0.175V to 0.525V
175
332
700
ps
tOF
Fall Time(1,2)
From 0.525V to 0.175V
175
344
700
ps
TSKEW
Skew between outputs
At Crossing Point Voltage
50
ps
TDUTY-CYCLE
Duty Cycle(1,3)
45
55
%
TOE
Output Enable Time(5)
All outputs
10
μs
TOT
Output Disable Time(5)
All outputs
10
μs
tSTABLE
From power-up to VDD=3.3V
From Power-up VDD=3.3V
3.0
ms
Notes:
1. RL = 50-Ohm with CL = 2 pF and RR
2. Single-ended waveform
3. Differential waveform
4. Measured at the crossing point
5. CLK pins are tri-stated when OE is LOW
Thermal Characteristics
Symbol Parameter
Conditions
Min.
Typ.
Max.
Unit
θJA
Thermal Resistance Junction to Ambient
Still air
93
°C/W
θJC
Thermal Resistance Junction to Case
20
°C/W
(VDD = 3.3V ±5%, TA = -40°C to +85°C)
14-0063


Similar Part No. - PI6C557-05Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C557-05 PERICOM-PI6C557-05 Datasheet
819Kb / 9P
   PCIe 2.0 Clock Generator with 4 HCSL Outputs
PI6C557-05B PERICOM-PI6C557-05B Datasheet
802Kb / 8P
   PCIe 3.0 Clock Generator with 4 HCSL Outputs
PI6C557-05BLE PERICOM-PI6C557-05BLE Datasheet
802Kb / 8P
   PCIe 3.0 Clock Generator with 4 HCSL Outputs
PI6C557-05LE PERICOM-PI6C557-05LE Datasheet
819Kb / 9P
   PCIe 2.0 Clock Generator with 4 HCSL Outputs
More results

Similar Description - PI6C557-05Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C557-03AQ PERICOM-PI6C557-03AQ_14 Datasheet
898Kb / 9P
   PCIe 2.0 Clock Generator with 2 HCSL Outputs for Automotive Applications
PI6C557-05 PERICOM-PI6C557-05 Datasheet
819Kb / 9P
   PCIe 2.0 Clock Generator with 4 HCSL Outputs
PI6C557-03ALE PERICOM-PI6C557-03ALE Datasheet
815Kb / 9P
   PCIe 2.0 Clock Generator with 2 HCSL Outputs
PI6C557-03ALEX PERICOM-PI6C557-03ALEX Datasheet
815Kb / 9P
   PCIe 2.0 Clock Generator with 2 HCSL Outputs
PI6C557-05B PERICOM-PI6C557-05B Datasheet
802Kb / 8P
   PCIe 3.0 Clock Generator with 4 HCSL Outputs
PI6LC48H02 PERICOM-PI6LC48H02 Datasheet
960Kb / 9P
   PCIe 3.0/2.0/1.0 Clock Generator with 2 HCSL Outputs
PI6C557-01B PERICOM-PI6C557-01B Datasheet
925Kb / 8P
   PCIe 3.0 Clock Generator with 1 HCSL Outputs
PI6C557-01BQ PERICOM-PI6C557-01BQ Datasheet
986Kb / 9P
   PCIe 3.0 Clock Generator with 1 HCSL Outputs
PI6CFGL402B PERICOM-PI6CFGL402B Datasheet
943Kb / 8P
   Low Power PCIe 3.0 Clock Generator with 4 HCSL Outputs
PI6LC48H04 PERICOM-PI6LC48H04 Datasheet
1Mb / 11P
   PCIe 3.0 and Ethernet Clock Generator with 4 HCSL Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com