Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C49X0210ZHIE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6C49X0210ZHIE
Description  High Performance 1:10 Multi-Voltage CMOS Buffer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49X0210ZHIE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI6C49X0210ZHIE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49X0210ZHIE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49X0210ZHIE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49X0210ZHIE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49X0210ZHIE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49X0210ZHIE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49X0210ZHIE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49X0210ZHIE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C49X0210ZHIE Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
PI6C49X0210
High Performance 1:10 Multi-Voltage CMOS Buffer
www.pericom.com
PI6C49X0210 Rev F
12/13/13
Storage Temperature...........................................................–65°C to +150°C
VDD, VDDO Voltage...............................................................–0.5V to +3.6V
Output Voltage (max. 4.6V) .......................................... –0.5V to VDD+0.5V
Input Voltage (max 4.6V).............................................. –0.5V to VDD+0.5V
3.3V Absolute Maximum Ratings (Above which the useful life may be impaired. For user guidelines only, not tested.)
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation
of the device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect reliability.
AC Characteristics (Over Operating Range: VDD/VDDO = 3.3V ± 5%, TA = -40° to 85°C)
Parameters
Description
Test Conditions(1)
Min.
Typ
Max.
Units
fMAX
Output Frequency
Using External Crystal
10
50
MHz
Using External Clock
Source (2)
DC
200
odc
Output Duty Cycle
125MHz
45
55
%
tsk(o)
Output Skew (3)
80
ps
tjit(Ø)
RMS Phase Jitter (Random)
25MHz crystal @
(Integration Range:
100Hz-1MHz)
0.05
ps
tjit(additive)
Additive RMS Phase Jitter (Random)
125MHz reference
input @ (Integra-
tion Range: 12kHz-
20MHz)
0.05
ps
tR/tF
Output Rise/Fall Time
20% to 80%
200
800
ps
tEN
Output Enable Time
(4)
ENABLE
5
cycles
tDIS
Output Disable Time
(4)
ENABLE
5
cycles
MUXisolation
MUX Isolation
155.52MHz
64
dB
Notes:
1. Unless noted otherwise, all parameters are tested with xtal @ f <= Fxtal_max,; outputs are terminated @ 50Ω to
VDDO/2, see waveforms.
2. Diff external clock source is driving IN0/IN0# and IN1/IN1# input. IN0/IN1 can be single end ref clock when IN0# /IN1# set as VDD/2
3. Identical conditions: loading, transitions, supply voltage, temperature, package type and speed grade.
4. These parameters are guaranteed, but not tested. Max delay is 4 cycles. Min. setup time = 3ns.
13-0169


Similar Part No. - PI6C49X0210ZHIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49X0210-A PERICOM-PI6C49X0210-A Datasheet
1Mb / 18P
   High Performance 1:10 Multi-Voltage CMOS Buffer
PI6C49X0210-AZHIE PERICOM-PI6C49X0210-AZHIE Datasheet
1Mb / 18P
   High Performance 1:10 Multi-Voltage CMOS Buffer
More results

Similar Description - PI6C49X0210ZHIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49X0210-A PERICOM-PI6C49X0210-A Datasheet
1Mb / 18P
   High Performance 1:10 Multi-Voltage CMOS Buffer
PI6C49X0208 PERICOM-PI6C49X0208 Datasheet
1Mb / 16P
   High Performance 1:8 Multi-Voltage CMOS Buffer
logo
Motorola, Inc
MC74HC42 MOTOROLA-MC74HC42 Datasheet
81Kb / 5P
   1-of-10 Decoder High-Performance Silicon-Gate CMOS
logo
Renesas Technology Corp
5PB11XX RENESAS-5PB11XX Datasheet
1Mb / 35P
   High-performance 1:2, 1:4, 1:6, 1:8, 1:10 LVCMOS clock buffer
logo
Freescale Semiconductor...
MPC94551 FREESCALE-MPC94551 Datasheet
69Kb / 4P
   Low Voltage 1:4 CMOS Clock Buffer
logo
Renesas Technology Corp
MPC94551 RENESAS-MPC94551 Datasheet
331Kb / 7P
   Low Voltage 1:4 CMOS Clock Buffer
2019
logo
Pericom Semiconductor C...
PI6C4911505-07 PERICOM-PI6C4911505-07 Datasheet
1Mb / 12P
   High Performance 1:5 LVPECL Fanout Buffer
logo
Integrated Device Techn...
5V2305S IDT-5V2305S Datasheet
126Kb / 10P
   High-Performance 1 to 5 Clock Buffer
logo
Pericom Semiconductor C...
PI6C4911505 PERICOM-PI6C4911505 Datasheet
943Kb / 8P
   High Performance 1:5 LVPECL Fanout Buffer
PI6C4911505-04 PERICOM-PI6C4911505-04 Datasheet
1Mb / 7P
   High Performance 1:5 LVPECL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com