Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C49X0204AWIEX Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6C49X0204AWIEX
Description  Low Skew 1 TO 4 Clock Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49X0204AWIEX Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI6C49X0204AWIEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49X0204AWIEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49X0204AWIEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49X0204AWIEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49X0204AWIEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49X0204AWIEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49X0204AWIEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49X0204AWIEX Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49X0204AWIEX Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
PI6C49X0204A
Rev C
5/11/2015
PI6C49X0204A
Low Skew 1 TO 4 Clock Buffer
VDD=1.8 V ±5%, Ambient temperature -40 to +85° C, unless stated otherwise
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
F
OUT
Output Frequency
0
166
MHz
tOR
Output Rise Time
20% to 80%
1.0
1.5
ns
tOF
Output Fall Time
20% to 80%
1.0
1.5
ns
T
PD
Propagation Delay (Note1)
1.6
2
3
ns
T
SK
Output to Output Skew (Note2)
Rising edges at VDD/2
0
±250
ps
J
ADD
Additive Jitter
@156.25MHz, 12k to
20MHz
0.1
ps
AC ELECTRICAL CHARACTERISTICS
VDD=2.5 V ±5%, Ambient temperature -40 to +85° C, unless stated otherwise
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
F
OUT
Output Frequency
0
200
MHz
tOR
Output Rise Time
20% TO 80%
1.0
1.5
ns
tOF
Output Fall Time
20% TO 80%
1.0
1.5
ns
T
PD
Propagation Delay (Note1)
0.8
1.0
1.5
ns
T
SK
Output to Output Skew (Note2)
Rising edges at VDD/2
0
±250
ps
J
ADD
Additive Jitter
@156.25MHz, 12k to
20MHz
0.05
ps
Notes:
1. With rail to rail input clock
2. Between any 2 outputs with equal loading.
THERMAL CHARACTERISTICS
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
θJA
Thermal Resistance Junction to
Ambient
Still air
157
°C/W
θJC
Thermal Resistance Junction to Case
42
°C/W
VDD=3.3 V ±10%, Ambient temperature -40 to +85° C, unless stated otherwise
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
F
OUT
Output Frequency
0
200
MHz
tOR
Output Rise Time
20% TO 80%
1.0
1.5
ns
tOF
Output Fall Time
20% TO 80%
1.0
1.5
ns
T
PD
Propagation Delay (Note1)
0.8
1.0
1.5
ns
T
SK
Output to Output Skew (Note2)
Rising edges at VDD/2
0
±250
ps
J
ADD
Additive Jitter
@156.25MHz, 12k to
20MHz
0.05
ps
Notes:
1. With rail to rail input clock
2. Between any 2 outputs with equal loading.
15-0061


Similar Part No. - PI6C49X0204AWIEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49X0204B PERICOM-PI6C49X0204B Datasheet
1Mb / 9P
   Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
PI6C49X0204B-A PERICOM-PI6C49X0204B-A Datasheet
1Mb / 7P
   Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
PI6C49X0204B-AWE PERICOM-PI6C49X0204B-AWE Datasheet
1Mb / 7P
   Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
PI6C49X0204BWIE PERICOM-PI6C49X0204BWIE Datasheet
1Mb / 9P
   Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
PI6C49X0204BWIEX PERICOM-PI6C49X0204BWIEX Datasheet
1Mb / 9P
   Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
More results

Similar Description - PI6C49X0204AWIEX

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T30553 IDT-IDT5T30553 Datasheet
187Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Circuit Syst...
ICS553 ICST-ICS553 Datasheet
89Kb / 6P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS651 ICST-ICS651 Datasheet
82Kb / 7P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS553MI ICST-ICS553MI Datasheet
65Kb / 6P
   LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Device Techn...
551S IDT-551S_18 Datasheet
153Kb / 9P
   Low Skew 1 to 4 Clock Buffer
logo
Renesas Technology Corp
ICS556-04 RENESAS-ICS556-04 Datasheet
352Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
051310
logo
Integrated Circuit Syst...
ICS556-04 ICST-ICS556-04 Datasheet
145Kb / 6P
   LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Device Techn...
ICS651B IDT-ICS651B Datasheet
185Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS621 IDT-ICS621_10 Datasheet
118Kb / 10P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS651MLFT IDT-ICS651MLFT Datasheet
89Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com