Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C49S1510ZDIE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C49S1510ZDIE
Description  High Performance Differential Fanout Buffer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49S1510ZDIE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C49S1510ZDIE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49S1510ZDIE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49S1510ZDIE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49S1510ZDIE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49S1510ZDIE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49S1510ZDIE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49S1510ZDIE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49S1510ZDIE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49S1510ZDIE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
PI6C49S1510
Rev G
09/18/2014
PI6C49S1510
High Performance Differential Fanout Buffer
Pin #
Pin Name
Type
Description
36,35
QB0+
Output
Bank B differential output pair 0. Pin selectable
LVPECL/LVDS/HCSL interface levels.
QB0-
38
Iref
Output
A fixed precision resistor (475ohm) from this pin to
ground provides a reference current for HCSL mode.
If LVPECL or LVDS mode chosen, pin can be left
open
40
IN1-
Input
Pull-up/
Pulldown
Inverted reference input, internal bias to VDD/2
41
IN1+
Input
Pulldown
Reference input 1
44
Ref_Out
Output
Reference output, CMOS
46
Sync_OE
Input
Pulldown
Synchronous output enable for Ref_Out, see Table 3
for functions
Function Table
Pinout Table (Continued..)
Table 1: Input select function
IN_SEL [1]
IN_SEL [0]
Function
0
0
IN0 is the selected reference input
0
1
IN1 is the selected reference input
1
X
XTAL is the selected input
Table 2: Output Mode select function
OPMODEA/B [1]
OPMODEA/B [0]
Output Bank A / Bank B Mode
0
0
LVPECL
0
1
LVDS
1
0
HCSL
1
1
Hi-Z
Table 3: Reference output enable function
Sync_OE
Ref_Out
0
Hi-Z
1
Output enabled
Table 4: Illegal input level function
Input illegal status
Output status
Input open
Logic Low
Input both high
Logic Low
Input both low
Logic Low
14-0137


Similar Part No. - PI6C49S1510ZDIE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6C49S1510B DIODES-PI6C49S1510B Datasheet
529Kb / 2P
   High-Performance Two-and Four-Output Fanout Clock Buffers Enhance System Timing Margins
More results

Similar Description - PI6C49S1510ZDIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49S1506 PERICOM-PI6C49S1506 Datasheet
1Mb / 14P
   High Performance Differential Fanout Buffer
PI6C49S1504 PERICOM-PI6C49S1504 Datasheet
1Mb / 10P
   High Performance Selectable 1:4 Differential Fanout Buffer
logo
Integrated Device Techn...
8T73S1802 IDT-8T73S1802 Datasheet
663Kb / 24P
   High-performance fanout buffer clock and fanout buffer
logo
Pericom Semiconductor C...
PI6C4911504-01 PERICOM-PI6C4911504-01 Datasheet
1Mb / 12P
   High Performance LVPECL Fanout Buffer
PI6C4911504-03 PERICOM-PI6C4911504-03 Datasheet
949Kb / 9P
   High Performance LVPECL Fanout Buffer
PI6C4931504-04 PERICOM-PI6C4931504-04 Datasheet
941Kb / 6P
   High Performance HCSL Fanout Buffer
PI6C4921506 PERICOM-PI6C4921506 Datasheet
1Mb / 8P
   High Performance LVDS Fanout Buffer
PI6C4931502-04 PERICOM-PI6C4931502-04 Datasheet
979Kb / 6P
   High Performance HCSL Fanout Buffer
logo
ON Semiconductor
NB3N853501E ONSEMI-NB3N853501E Datasheet
223Kb / 9P
   Differential Clock Fanout Buffer Outputs
November, 2011 ??Rev. 2
MC10EP11 ONSEMI-MC10EP11 Datasheet
85Kb / 8P
   1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com