Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C49S1506FAIE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6C49S1506FAIE
Description  High Performance Differential Fanout Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49S1506FAIE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI6C49S1506FAIE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49S1506FAIE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49S1506FAIE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49S1506FAIE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49S1506FAIE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49S1506FAIE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49S1506FAIE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49S1506FAIE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C49S1506FAIE Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
PI6C49S1506
Rev C
08/11/14
PI6C49S1506
High Performance Differential Fanout Buffer
Phase Noise Plot
f
OUT = 156.25MHz
Additive jitter = √(Output jitter2 - Input jitter2) = 30fs
14-0121


Similar Part No. - PI6C49S1506FAIE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6C49S1506 DIODES-PI6C49S1506 Datasheet
529Kb / 2P
   High-Performance Two-and Four-Output Fanout Clock Buffers Enhance System Timing Margins
More results

Similar Description - PI6C49S1506FAIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49S1510 PERICOM-PI6C49S1510 Datasheet
3Mb / 16P
   High Performance Differential Fanout Buffer
PI6C49S1504 PERICOM-PI6C49S1504 Datasheet
1Mb / 10P
   High Performance Selectable 1:4 Differential Fanout Buffer
logo
Integrated Device Techn...
8T73S1802 IDT-8T73S1802 Datasheet
663Kb / 24P
   High-performance fanout buffer clock and fanout buffer
logo
Pericom Semiconductor C...
PI6C4911504-01 PERICOM-PI6C4911504-01 Datasheet
1Mb / 12P
   High Performance LVPECL Fanout Buffer
PI6C4911504-03 PERICOM-PI6C4911504-03 Datasheet
949Kb / 9P
   High Performance LVPECL Fanout Buffer
PI6C4931504-04 PERICOM-PI6C4931504-04 Datasheet
941Kb / 6P
   High Performance HCSL Fanout Buffer
PI6C4921506 PERICOM-PI6C4921506 Datasheet
1Mb / 8P
   High Performance LVDS Fanout Buffer
PI6C4931502-04 PERICOM-PI6C4931502-04 Datasheet
979Kb / 6P
   High Performance HCSL Fanout Buffer
logo
ON Semiconductor
NB3N853501E ONSEMI-NB3N853501E Datasheet
223Kb / 9P
   Differential Clock Fanout Buffer Outputs
November, 2011 ??Rev. 2
MC10EP11 ONSEMI-MC10EP11 Datasheet
85Kb / 8P
   1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com