Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFM4414VB6M24D0T04 Datasheet(PDF) 6 Page - Vicor Corporation

Part # PFM4414VB6M24D0T04
Description  Chassis mount or board mount packaging options
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PFM4414VB6M24D0T04 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button PFM4414VB6M24D0T04 Datasheet HTML 2Page - Vicor Corporation PFM4414VB6M24D0T04 Datasheet HTML 3Page - Vicor Corporation PFM4414VB6M24D0T04 Datasheet HTML 4Page - Vicor Corporation PFM4414VB6M24D0T04 Datasheet HTML 5Page - Vicor Corporation PFM4414VB6M24D0T04 Datasheet HTML 6Page - Vicor Corporation PFM4414VB6M24D0T04 Datasheet HTML 7Page - Vicor Corporation PFM4414VB6M24D0T04 Datasheet HTML 8Page - Vicor Corporation PFM4414VB6M24D0T04 Datasheet HTML 9Page - Vicor Corporation PFM4414VB6M24D0T04 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
PFM4414xB6M24D0yzz
PFMin a VIA Package
Rev 1.0
vicorpower.com
Page 6 of 23
12/2015
800 927.9474
Electrical Specifications
Specifications apply over all line and load conditions, 50 Hz and 60 Hz line frequencies, TJ = 25°C, unless otherwise noted.
Boldface specifications apply over the temperature range of the specified product grade. COUT is 44,000 µF +/- 20% unless otherwise specified.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Power Input Specification
Input voltage range,
continuous operation
VIN
85
264
VRMS
Input voltage range,
transient, non-operational (peak)
VIN
1 ms
600
V
Input voltage cell reconfiguration
low-to-high threshold
VIN-CR+
145
148
VRMS
Input voltage cell reconfiguration
high-to-low threshold
VIN-CR-
132
135
VRMS
Input current (peak)
IINRP
See Figure 8, Startup Waveforms
12
A
Source line frequency range
fline
47
63
Hz
Power factor
PF
Input power >200 W
0.96
-
Input inductance, maximum
LIN
Differential mode inductance, common mode
inductance may be higher. See section "Source
Inductance Considerations" on page 15.
1
mH
Input capacitance, maximum
CIN
After bridge rectifier, between +IN and - IN
1.5
µF
No Load Specification
Input power – no load, maximum
PNL
7
W
Power Output Specification
Output voltage set point
VOUT
VIN = 230 Vrms, 100% Load
23
24
25
V
Output voltage, no load
VOUT-NL
Over all operating steady state line conditions
21
27
V
Output voltage range (transient)
VOUT
Non-faulting abnormal line and load transient
conditions
15
28.8
V
Output power
POUT
See SOA on Page 5
400
W
Efficiency
h
VIN = 230 V, full load, exclusive of input rectifier losses
90.5
92
%
85 V < VIN < 264 V, full load, exclusive of
input rectifier losses
90
%
85 V < VIN < 264 V, 75% load,
exclusive of input rectifier losses
90
%
Output voltage ripple,
switching frequency
VOUT-PP-HF
Over all operating steady-state line and load
conditions, 20 MHz BW, measured at C3, Figure 5
100
1000
mV
Output voltage ripple
line frequency
VOUT-PP-LF
Over all operating steady-state line and load
conditions, 20 MHz BW
1.5
3.5
V
Output capacitance (external)
COUT-EXT
Allows for ±20% capacitor tolerance
27000
60000
µF
Output turn-on delay
TON
From VIN applied
500
1000
ms
Start-up setpoint aquisition time
TSS
Full load
500
1000
ms
Cell reconfiguration response time
TCR
Full load
5.5
11
ms
Voltage deviation (transient)
%VOUT-TRANS
-37.5
20
%
Recovery time
TTRANS
300
600
ms
Line regulation
%VOUT-LINE
Full load
3
%
Load regulation
%VOUT-LOAD
10% to 100% load
3
%
Output current (continuous)
IOUT
SOA
16.7
A
Output current (transient)
IOUT-PK
20 ms duration, average power ≤POUT, max
24.7
A


Similar Part No. - PFM4414VB6M24D0T04

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PFM4414VB6M24D0TA0 VICOR-PFM4414VB6M24D0TA0 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4414VB6M24D0TA4 VICOR-PFM4414VB6M24D0TA4 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4414VB6M24D0TA8 VICOR-PFM4414VB6M24D0TA8 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
More results

Similar Description - PFM4414VB6M24D0T04

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PFM4414XB6M24D0YZZ VICOR-PFM4414XB6M24D0YZZ Datasheet
911Kb / 23P
   Chassis mount or board mount packaging options
logo
ITT Industries
FSDBK ITT-FSDBK Datasheet
1,008Kb / 9P
   Chassis or panel mount
FMRWH ITT-FMRWH Datasheet
1,008Kb / 9P
   Chassis or panel mount
logo
Vicor Corporation
AIM1714XB6MC7D5YZZ VICOR-AIM1714XB6MC7D5YZZ Datasheet
319Kb / 14P
   Chassis Mount or PCB Mount Form Factor
logo
TE Connectivity Ltd
RM-8 TEC-RM-8 Datasheet
293Kb / 3P
   Chassis or DIN rail mount
logo
Powerbox
PBBA-2505G-CM POWERBOX-PBBA-2505G-CM Datasheet
608Kb / 1P
   CHASSIS MOUNT
logo
Delta Electronics, Inc.
DNS10SMD06 DELTA-DNS10SMD06 Datasheet
794Kb / 15P
   Surface mount packaging
logo
TRIAD MAGNETICS
N-5MG TRIAD-N-5MG Datasheet
40Kb / 1P
   CHASSIS MOUNT : Autotransformer
N-7MG TRIAD-N-7MG Datasheet
40Kb / 1P
   CHASSIS MOUNT : Autotransformer
N-250MG TRIAD-N-250MG Datasheet
43Kb / 1P
   CHASSIS MOUNT : Autotransformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com