Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2992AIM5X-1.5 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP2992AIM5X-1.5
Description  Micropower 250-mA Low-Noise Ultralow-Dropout Regulator in SOT-23
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2992AIM5X-1.5 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP2992AIM5X-1.5 Datasheet HTML 2Page - Texas Instruments LP2992AIM5X-1.5 Datasheet HTML 3Page - Texas Instruments LP2992AIM5X-1.5 Datasheet HTML 4Page - Texas Instruments LP2992AIM5X-1.5 Datasheet HTML 5Page - Texas Instruments LP2992AIM5X-1.5 Datasheet HTML 6Page - Texas Instruments LP2992AIM5X-1.5 Datasheet HTML 7Page - Texas Instruments LP2992AIM5X-1.5 Datasheet HTML 8Page - Texas Instruments LP2992AIM5X-1.5 Datasheet HTML 9Page - Texas Instruments LP2992AIM5X-1.5 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
LP2992
SNVS171I – NOVEMBER 2001 – REVISED NOVEMBER 2015
www.ti.com
Electrical Characteristics (continued)
Unless otherwise specified: VIN = VOUT(NOM) + 1 V, IL = 1 mA, CIN = 1 µF, COUT = 4.7 µF, VON/OFF = 2 V. MIN (minimum) and
MAX (maximum) limits apply over the recommended operating temperature range unless otherwise noted; typical limits apply
for TA = TJ = 25°C.
LP2992AI-X.X(1)
LP2992I-X.X (1)
PARAMETER
TEST CONDITIONS
TYP
UNIT
MIN
MAX
MIN
MAX
IL = 0 mA, TJ = 25°C
65
95
95
IL = 0 mA
125
125
IL = 1 mA, TJ = 25°C
75
110
110
IL = 1 mA
170
170
IL = 50 mA, TJ = 25°C
350
600
600
IL = 50 mA
1000
1000
IGND
Ground pin current
µA
IL = 150 mA, TJ = 25°C
850
1500
1500
IL = 150 mA
2500
2500
IL = 250 mA, TJ = 25°C
1500
2300
2300
IL = 250 mA
4000
4000
VON/OFF < 0.3 V, TJ = 25°C
0.01
0.8
0.8
VON/OFF < 0.15 V
0.05
2
2
High = O/P ON
1.4
1.6
1.6
VON/OFF
ON/OFF input voltage(3)
V
Low = O/P OFF
0.55
0.15
0.15
VON/OFF = 0
0.01
–2
–2
ION/OFF
ON/OFF input current
µA
VON/OFF = 5 V
5
15
15
Bandwidth = 300 Hz to 50 kHz
en
Output noise voltage (RMS)
COUT = 10 µF
30
µV
CBYPASS = 10 nF
f = 1 kHz, CBYPASS = 10 nF
ΔVOUT/ΔVIN Ripple rejection
45
dB
COUT = 10 µF
IO(SC)
Short-circuit current
RL = 0 (steady state)
(4)
400
mA
IO(PK)
Peak output current
VOUT ≥ VO(NOM) – 5%
350
mA
(3)
The ON/OFF input must be properly driven to prevent possible mis-operation. For details, see Operation with ON/OFF Control.
(4)
The LP2992 has thermal foldback current limiting which allows a high peak current when VOUT > 0.5 V, and then reduces the maximum
output current as VOUT is forced to ground (see Typical Characteristics curves).
6
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: LP2992


Similar Part No. - LP2992AIM5X-1.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2992AIM5X-1.5 NSC-LP2992AIM5X-1.5 Datasheet
598Kb / 15P
   Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and LLP Packages Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2992AIM5X-1.5 TI1-LP2992AIM5X-1.5 Datasheet
1Mb / 28P
[Old version datasheet]   LP2992 Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low ESR Output Capacitors
LP2992AIM5X-1.5/NOPB TI1-LP2992AIM5X-1.5/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LP2992 Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low ESR Output Capacitors
More results

Similar Description - LP2992AIM5X-1.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985LV-N TI1-LP2985LV-N Datasheet
1Mb / 21P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23
LP2985IM5-33 TI1-LP2985IM5-33 Datasheet
1Mb / 33P
[Old version datasheet]   LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23
LP2980-N TI1-LP2980-N_16 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981AIM5X-2.5 TI1-LP2981AIM5X-2.5 Datasheet
423Kb / 18P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980 TI1-LP2980 Datasheet
433Kb / 18P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2981-N TI1-LP2981-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980-N TI1-LP2980-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2982 TI-LP2982_15 Datasheet
1Mb / 21P
[Old version datasheet]   LP2982 Micropower 50 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2992 TI-LP2992_15 Datasheet
2Mb / 33P
[Old version datasheet]   LP2992 Micropower 250-mA Low-Noise Ultralow-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low-ESR Output Capacitors
logo
National Semiconductor ...
LP2978 NSC-LP2978 Datasheet
102Kb / 7P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com