Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD95377Q4MT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD95377Q4MT
Description  Synchronous Buck NexFET Power Stage
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD95377Q4MT Datasheet(HTML) 3 Page - Texas Instruments

  CSD95377Q4MT Datasheet HTML 1Page - Texas Instruments CSD95377Q4MT Datasheet HTML 2Page - Texas Instruments CSD95377Q4MT Datasheet HTML 3Page - Texas Instruments CSD95377Q4MT Datasheet HTML 4Page - Texas Instruments CSD95377Q4MT Datasheet HTML 5Page - Texas Instruments CSD95377Q4MT Datasheet HTML 6Page - Texas Instruments CSD95377Q4MT Datasheet HTML 7Page - Texas Instruments CSD95377Q4MT Datasheet HTML 8Page - Texas Instruments CSD95377Q4MT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
PWM
8
7
6
5
4
9
P
GND
1
V
IN
SKIP#
V
SW
V
DD
P
GND
BOOT
BOOT_R
2
3
CSD95377Q4M
www.ti.com
SLPS584 – DECEMBER 2015
5 Pin Configuration and Functions
SON 3.5 × 4.5 mm
Top View
Pin Functions
PIN
DESCRIPTION
NO.
NAME
1
SKIP#
This pin enables the Diode Emulation function. When this pin is held Low, Diode Emulation Mode is enabled for the
Sync FET. When SKIP# is High, the CSD95377Q4M operates in Forced Continuous Conduction Mode. A tri-state
voltage on SKIP# puts the driver into a very-low power state.
2
VDD
Supply voltage to Gate Drivers and internal circuitry
3
PGND
Power ground, needs to be connected to Pin 9 and PCB
4
VSW
Voltage switching node – pin connection to the output inductor
5
VIN
Input voltage pin. Connect input capacitors close to this pin.
6
BOOT_R
Bootstrap capacitor connection. Connect a minimum 0.1 µF 16 V X5R, ceramic capacitor from BOOT to BOOT_R
pins. The bootstrap capacitor provides the charge to turn on the Control FET. The bootstrap diode is integrated.
7
BOOT
Boot_R is internally connected to VSW.
8
PWM
Pulse width modulated tri-state input from external controller. Logic Low sets Control FET gate low and Sync FET gate
high. Logic High sets Control FET gate high and Sync FET gate Low. Open or High-Z sets both MOSFET gates low if
greater than the Tri-State Shutdown Hold-off Time (t3HT)
9
PGND
Power ground
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - CSD95377Q4MT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD95372AQ5M TI-CSD95372AQ5M_15 Datasheet
1Mb / 26P
[Old version datasheet]   CSD95372AQ5M Synchronous Buck NexFET??Power Stage
CSD95372BQ5M TI1-CSD95372BQ5M Datasheet
796Kb / 13P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95372BQ5MC TI-CSD95372BQ5MC Datasheet
799Kb / 13P
[Old version datasheet]   CSD95372BQ5MC Synchronous Buck NexFET Smart Power Stage
CSD95372BQ5MCT TI-CSD95372BQ5MCT Datasheet
799Kb / 13P
[Old version datasheet]   CSD95372BQ5MC Synchronous Buck NexFET Smart Power Stage
More results

Similar Description - CSD95377Q4MT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
JUNE2011
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97374Q4M TI1-CSD97374Q4M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD96370Q5M TI-CSD96370Q5M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M_1110 TI-CSD97370Q5M_1110 Datasheet
789Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD96371Q5M TI-CSD96371Q5M Datasheet
1Mb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97370Q5M TI-CSD97370Q5M_15 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com