Electronic Components Datasheet Search |
|
CSD95377Q4M Datasheet(PDF) 6 Page - Texas Instruments |
|
|
CSD95377Q4M Datasheet(HTML) 6 Page - Texas Instruments |
6 / 20 page CSD95377Q4M SLPS584 – DECEMBER 2015 www.ti.com 7 Detailed Description 7.1 Overview The CSD95377Q4M NexFET™ Power Stage is a highly-optimized design for use in a high-power, high-density synchronous buck converter. 7.2 Functional Block Diagram 7.3 Feature Description 7.3.1 Powering CSD95377Q4M and Gate Drivers An external VDD voltage is required to supply the integrated gate driver IC and provide the necessary gate drive power for the MOSFETs. TI recommends a 1 µF 10 V X5R or higher ceramic capacitor to bypass VDD pin to PGND. A bootstrap circuit to provide gate drive power for the Control FET is also included. The bootstrap supply to drive the Control FET is generated by connecting a 100 nF 16 V X5R ceramic capacitor between BOOT and BOOT_R pins. An optional RBOOT resistor can be used to slow down the turn-on speed of the Control FET and reduce voltage spikes on the VSW node. A typical 1 Ω to 4.7 Ω value is a compromise between switching loss and VSW spike amplitude. 7.3.2 Undervoltage Lockout (UVLO) Protection The UVLO comparator evaluates the VDD voltage level. As VVDD rises, both the Control FET and Sync FET gates hold actively low at all times until VVDD reaches the higher UVLO threshold (VUVLO_H). Then the driver becomes operational and responds to PWM and SKIP# commands. If VDD falls below the lower UVLO threshold (VUVLO_L = VUVLO_H – Hysteresis), the device disables the driver and drives the outputs of the Control FET and Sync FET gates actively low. Figure 1 shows this function. CAUTION Do not start the driver in the very-low power mode (SKIP# = Tri-state). 6 Submit Documentation Feedback Copyright © 2015, Texas Instruments Incorporated |
Similar Part No. - CSD95377Q4M |
|
Similar Description - CSD95377Q4M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |