Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54540QDDAQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54540QDDAQ1
Description  Step-Down DC-DC Converter With Eco-mode
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54540QDDAQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54540QDDAQ1 Datasheet HTML 7Page - Texas Instruments TPS54540QDDAQ1 Datasheet HTML 8Page - Texas Instruments TPS54540QDDAQ1 Datasheet HTML 9Page - Texas Instruments TPS54540QDDAQ1 Datasheet HTML 10Page - Texas Instruments TPS54540QDDAQ1 Datasheet HTML 11Page - Texas Instruments TPS54540QDDAQ1 Datasheet HTML 12Page - Texas Instruments TPS54540QDDAQ1 Datasheet HTML 13Page - Texas Instruments TPS54540QDDAQ1 Datasheet HTML 14Page - Texas Instruments TPS54540QDDAQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
TPS54540-Q1
www.ti.com
SLVSC56B – SEPTEMBER 2013 – REVISED NOVEMBER 2015
7 Detailed Description
7.1 Overview
The TPS54540-Q1 device is a 42-V, 5-A, step-down (buck) regulator with an integrated high-side N-channel
MOSFET. The device implements constant frequency, current mode control that reduces output capacitance and
simplifies external frequency compensation. The wide switching frequency range of 100 kHz to 2500 kHz allows
either efficiency or size optimization when selecting the output filter components. The switching frequency is
adjusted using a resistor to ground connected to the RT/CLK pin. The device has an internal phase-locked loop
(PLL) connected to the RT/CLK pin that will synchronize the power switch turnon to a falling edge of an external
clock signal.
The TPS54540-Q1 device has a default input start-up voltage of approximately 4.3 V. The EN pin can be used to
adjust the input voltage undervoltage lockout (UVLO) threshold with two external resistors. An internal pullup
current source enables operation when the EN pin is floating. The operating current is 146
μA under no load
condition (not switching). When the device is disabled, the supply current is 2
μA.
The integrated 92-m
Ω high-side MOSFET supports high-efficiency power supply designs capable of delivering
5 A of continuous current to a load. The gate drive bias voltage for the integrated high-side MOSFET is supplied
by a bootstrap capacitor connected from the BOOT to SW pins. The TPS54540-Q1 device reduces the external
component count by integrating the bootstrap recharge diode. The BOOT pin capacitor voltage is monitored by a
UVLO circuit which turns off the high-side MOSFET when the BOOT to SW voltage falls below a preset
threshold. An automatic BOOT capacitor recharge circuit allows the TPS54540-Q1 device to operate at high duty
cycles approaching 100%. Therefore, the maximum output voltage is near the minimum input supply voltage of
the application. The minimum output voltage is the internal 0.8-V feedback reference.
Output overvoltage transients are minimized by an Overvoltage Protection (OVP) comparator. When the OVP
comparator is activated, the high-side MOSFET is turned off and remains off until the output voltage is less than
106% of the desired output voltage.
The TPS54540-Q1 device includes an internal soft-start circuit that slows the output rise time during start-up to
reduce in-rush current and output voltage overshoot. Output overload conditions reset the soft-start timer. When
the overload condition is removed, the soft-start circuit controls the recovery from the fault output level to the
nominal regulation voltage. A frequency foldback circuit reduces the switching frequency during start-up and
overcurrent fault conditions to help maintain control of the inductor current.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS54540-Q1


Similar Part No. - TPS54540QDDAQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54540QDDAQ1 TI1-TPS54540QDDAQ1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
More results

Similar Description - TPS54540QDDAQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54060A TI-TPS54060A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5A, 60V Step Down DC/DC Converter with Eco-mode?
TPS54332DDAR TI1-TPS54332DDAR Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode
TPS54040 TI-TPS54040_10 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060 TI-TPS54060 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54332 TI1-TPS54332 Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode?
TPS54040 TI-TPS54040 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060 TI-TPS54060_10 Datasheet
2Mb / 49P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54332DDAR TI-TPS54332DDAR Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode?
TPS54060A TI1-TPS54060A Datasheet
2Mb / 50P
[Old version datasheet]   0.5A, 60V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54331 TI-TPS54331 Datasheet
940Kb / 24P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com