Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC230MS8 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC230MS8
Description  4 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.75 - 2.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC230MS8 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC230MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC230MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC230MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC230MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC230MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC230MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MICROWAVE CORPORATION
9 - 13
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
9
4 dB LSB GaAs IC 3-BIT DIGITAL
ATTENUATOR, 0.75 - 2.0 GHz
v01.0701
HMC230MS8
Notes:


Similar Part No. - HMC230MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC230MS8 HITTITE-HMC230MS8 Datasheet
191Kb / 6P
   4 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.75 - 2.0 GHz
HMC230MS8 HITTITE-HMC230MS8 Datasheet
224Kb / 6P
   4 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.75 - 2.0 GHz
HMC230MS8 HITTITE-HMC230MS8_06 Datasheet
224Kb / 6P
   4 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.75 - 2.0 GHz
HMC230MS8 HITTITE-HMC230MS8_08 Datasheet
191Kb / 6P
   4 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.75 - 2.0 GHz
More results

Similar Description - HMC230MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC230MS8 HITTITE-HMC230MS8_08 Datasheet
191Kb / 6P
   4 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.75 - 2.0 GHz
HMC230MS8 HITTITE-HMC230MS8_06 Datasheet
224Kb / 6P
   4 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.75 - 2.0 GHz
logo
Skyworks Solutions Inc.
AA100-59LF SKYWORKS-AA100-59LF Datasheet
187Kb / 4P
   GaAs 3 Bit Digital Attenuator, 4 dB LSB 0.75-2 GHz
logo
Hittite Microwave Corpo...
HMC629LP4 HITTITE-HMC629LP4 Datasheet
1,007Kb / 8P
   3 dB LSB GaAs MMIC 4-BIT DIGITAL ATTENUATOR, DC - 6 GHz
logo
Alpha Industries
AA100-59 ALPHA-AA100-59 Datasheet
38Kb / 2P
   GaAs IC 3 Bit Digital Attenuator 4 dB LSB Positive Control 0.75-2 GHz
logo
Hittite Microwave Corpo...
HMC110G16 HITTITE-HMC110G16 Datasheet
93Kb / 4P
   1 dB LSB GaAs MMIC SMT 5-BIT DIGITAL ATTENUATOR, DC - 2.0 GHz
logo
Analog Devices
HMC629ALP4E AD-HMC629ALP4E Datasheet
1Mb / 9P
   3 dB LSB GaAs MMIC 4-BIT DIGITAL ATTENUATOR, DC - 10GHz
logo
Hittite Microwave Corpo...
HMC288MS8 HITTITE-HMC288MS8 Datasheet
160Kb / 6P
   2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC235QS16G HITTITE-HMC235QS16G_01 Datasheet
205Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
HMC291 HITTITE-HMC291_08 Datasheet
205Kb / 6P
   4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com