Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M21428 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M21428
Description  3G/HD/SD-SDI Dual-Output Cable Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21428 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M21428 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M21428 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M21428 3G/HD/SD-SDI Dual-Output Cable Driver
> Product Overview
The M21428 is a high-speed, low-power, low-jitter cable driver, designed to drive serial digital video data through 75
coaxial cable typically used in SMPTE and DVB-ASI video applications.
The M21428 cable driver is optimized for performance from 143 Mbps up to 2970 Mbp with a typical ryse/fall time of
100ps for HD-SDI and 3G-SDI.
The default output voltage swing in a SMPTE compliant 800mV when set by an external 750
±1% resistor. The M21428
also has the option of providing a signal with double the output swing at 1600mV, which can be used in cascade applica-
tions.
The M21428 is provided in a green and RoHS compliant package.
Features
Benefits
> SMPTE 424M, 292, 259M compliant, DVB-ASI (270 Mbps)
Robust standard compliant equalizers
> Dual Differential outputs with individual mute control
High speed outputs with low cost integration
> 800 mVp–p single ended output swing (typical)
SMPTE compliant swing supporting cable reach
> 1600 mVp-p maximum output swing
Offers router cascade applications through output splitting
> Slew Rate control
SMPTE compliant SD and 3G/HD operations
> Low power dissipation (122 mW at 2.5V, and 144 mW at 3.3V)
Low power and thermal management costs
> Output disable
Power Down capability when not in use
> 2.5V or 3.3V Supply
Standard voltage supplies supported
> Small form factor (3x3mm, 16-pin QFN package)
Saves board area
> Extended operating temperature range: –10°C to +85 °C
Provides additional margin for most applications
>


Similar Part No. - M21428

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21428 MA-COM-M21428 Datasheet
305Kb / 21P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
M21428 MA-COM-M21428 Datasheet
575Kb / 22P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
More results

Similar Description - M21428

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21424 MA-COM-M21424 Datasheet
180Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Equalizer
M21528 MA-COM-M21528 Datasheet
221Kb / 2P
   3G/HD/SD-SDI Low Power Dual Cable Driver
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
[Old version datasheet]   3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
   3G/HD/SD-SDI Low Power Cable Driver
M21528-13 MA-COM-M21528-13 Datasheet
760Kb / 22P
   Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
214X8-DSH-001-E MA-COM-214X8-DSH-001-E Datasheet
305Kb / 21P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
M21518-13 MA-COM-M21518-13 Datasheet
931Kb / 24P
   3G/HD/SD-SDI Multi-rate Video Cable Driver
logo
Semtech Corporation
GS3470 SEMTECH-GS3470 Datasheet
4Mb / 169P
   3G, HD, SD SDI Receiver
logo
National Semiconductor ...
LMH0302 NSC-LMH0302_08 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com