Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ8-Y19-WN-C9 Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # SZ8-Y19-WN-C9
Description  New Generation of WICOP
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SZ8-Y19-WN-C9 Datasheet(HTML) 4 Page - Seoul Semiconductor

  SZ8-Y19-WN-C9 Datasheet HTML 1Page - Seoul Semiconductor SZ8-Y19-WN-C9 Datasheet HTML 2Page - Seoul Semiconductor SZ8-Y19-WN-C9 Datasheet HTML 3Page - Seoul Semiconductor SZ8-Y19-WN-C9 Datasheet HTML 4Page - Seoul Semiconductor SZ8-Y19-WN-C9 Datasheet HTML 5Page - Seoul Semiconductor SZ8-Y19-WN-C9 Datasheet HTML 6Page - Seoul Semiconductor SZ8-Y19-WN-C9 Datasheet HTML 7Page - Seoul Semiconductor SZ8-Y19-WN-C9 Datasheet HTML 8Page - Seoul Semiconductor SZ8-Y19-WN-C9 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
www.seoulsemicon.com
SZ8-Y19-XX-XX - High-power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
4
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Product Data Sheet
Rev2.1, Apr 15, 2016
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
 하기 예시와 같이 테이블에 맞는 조건을 기입
Table #. Electro Optical Characteristics,
IF = 350mA, Tj=25℃
- 전기적 특성 – 아래첨자/대문자 예
) IF VF ФV
- 온도적 특성 – 아래첨자/소문자 예) Ta/j Topr0 Tstg
Performance Characteristics (Table)
하기와 같은 표 사용시 해당 슬라이드 사용하시면 됩니다.
기입되어 있는 내용 참고하시고 내용 추가/수정 가능
- ex) Electro Optical Characteristics
- ex) Absolute Maximum Ratings
* Power Dissipation
: max current x max VF(@max current)
* VF 공차 : ±0.1V (STD 사양)
* 밝기 공차 : ±10% (STD 사양)
* 수명 조건 : 고객 협의 조건 기재
Part Number
CCT [K] [1]
Min. Luminous Flux [2]
Ф
V
[3] [lm]
Min. Luminous Flux [2]
Ф
V
[3] [lm]@ 85 °C
CRI [4],
R
a
Min.
Max.
Group
Flux
[lm]
@85 °C
Flux
[lm]
@25 °C
700mA
1.0A
1.5A
Min.
SZ8-Y19-W0-C8
4700
7000
W3
152
167
271
357
485
80
W2
142
156
254
335
455
W1
133
146
237
313
424
V3
125
137
223
294
399
SZ8-Y19-WN-C8
3700
4700
W3
152
167
271
357
485
80
W2
142
156
254
335
455
W1
133
146
237
313
424
V3
125
137
223
294
399
SZ8-Y19-WW-C8
2600
3700
W1
133
146
237
313
424
80
V3
125
137
223
294
399
V2
116
128
208
274
372
V1
109
120
195
257
349
Table 2. Electro Optical Characteristics, I
F = 350mA (CRI 80)
(1) Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
Color coordinate :
0.005, CCT 5% tolerance.
(2) Seoul Semiconductor maintains a tolerance of
7% on flux and power measurements.
(3) Ф
V is the total luminous flux output as measured with an integrating sphere.
(4) Tolerance is
2.0 on CRI measurements.
Notes :


Similar Part No. - SZ8-Y19-WN-C9

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SZ8-Y11-W0-C7-A SEOUL-SZ8-Y11-W0-C7-A Datasheet
1Mb / 37P
   New Generation of WICOP High-Power LED -Z8 Y11
SZ8-Y11-W0-C7-A/C SEOUL-SZ8-Y11-W0-C7-A/C Datasheet
1Mb / 37P
   New Generation of WICOP High-Power LED -Z8 Y11
SZ8-Y11-W0-C7-C SEOUL-SZ8-Y11-W0-C7-C Datasheet
1Mb / 37P
   New Generation of WICOP High-Power LED -Z8 Y11
SZ8-Y11-W0-C8-A SEOUL-SZ8-Y11-W0-C8-A Datasheet
1Mb / 37P
   New Generation of WICOP High-Power LED -Z8 Y11
SZ8-Y11-W0-C8-A/C SEOUL-SZ8-Y11-W0-C8-A/C Datasheet
1Mb / 37P
   New Generation of WICOP High-Power LED -Z8 Y11
More results

Similar Description - SZ8-Y19-WN-C9

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SZ8-Y15-XX-XX SEOUL-SZ8-Y15-XX-XX Datasheet
1Mb / 30P
   New Generation of WICOP
SZ8-Y11-XX-XX-X SEOUL-SZ8-Y11-XX-XX-X Datasheet
1Mb / 37P
   New Generation of WICOP High-Power LED -Z8 Y11
SZ8-Y50-XX-XX-XX SEOUL-SZ8-Y50-XX-XX-XX Datasheet
846Kb / 26P
   New Generation of WICOP High-Power LED ?밯ICOP Z8 Y50
logo
Fairchild Semiconductor
FCH47N60 FAIRCHILD-FCH47N60_06 Datasheet
422Kb / 10P
   new generation of high voltage MOSFET
logo
STMicroelectronics
AN4242 STMICROELECTRONICS-AN4242 Datasheet
2Mb / 26P
   New generation of 650 V SiC diodes
logo
Integrated Device Techn...
AN-136 IDT-AN-136 Datasheet
92Kb / 12P
   A NEW GENERATION OF TAG SRAMS-THE IDT71215 AND
logo
LG Semicon Co.,Ltd.
GM71C4256B LG-GM71C4256B Datasheet
1Mb / 19P
   New Generation Dynamic RAM
logo
A-Data Technology
DDR42133SO-DIMM A-DATA-DDR42133SO-DIMM Datasheet
365Kb / 2P
   New generation DDR4 performance
logo
Fairchild Semiconductor
AN-5232 FAIRCHILD-AN-5232 Datasheet
1Mb / 15P
   New Generation Super-Junction MOSFETs
logo
KODENSHI_AUK CORP.
SUN04A60F KODENSHI-SUN04A60F Datasheet
470Kb / 8P
   New Generation N-Ch Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com