Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ8-Y15-WW-C7 Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # SZ8-Y15-WW-C7
Description  New Generation of WICOP
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SZ8-Y15-WW-C7 Datasheet(HTML) 1 Page - Seoul Semiconductor

  SZ8-Y15-WW-C7 Datasheet HTML 1Page - Seoul Semiconductor SZ8-Y15-WW-C7 Datasheet HTML 2Page - Seoul Semiconductor SZ8-Y15-WW-C7 Datasheet HTML 3Page - Seoul Semiconductor SZ8-Y15-WW-C7 Datasheet HTML 4Page - Seoul Semiconductor SZ8-Y15-WW-C7 Datasheet HTML 5Page - Seoul Semiconductor SZ8-Y15-WW-C7 Datasheet HTML 6Page - Seoul Semiconductor SZ8-Y15-WW-C7 Datasheet HTML 7Page - Seoul Semiconductor SZ8-Y15-WW-C7 Datasheet HTML 8Page - Seoul Semiconductor SZ8-Y15-WW-C7 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Product Brief
Description
제품사진
•아래규격에 부합하는 이미지만 가능: 없을 경우
마케팅팀에 의뢰
• 고해상도
• 흰 배경
• 표준크기: 제품이 가득 차게 가로 5cm 규격으로
사각 위치에 맞게 (가로세로 비율 고정)
Key Applications
Features and Benefits
Key Message:
- ex) Enabling high flux systems while reduces LED count
- ex) Enabling compact systems with high reliability
- ex) High reliability and High quality of light
- ex) Flicker-free AC/DC LED Solution
- ex) High-efficient Dimming Solution
Product Family:
- ex) Mid-Power LED
- ex) High-Power LED for Automotive
- ex) Chip on Board
Product ID (part number):
- ex) STW8C2SA
- ex) SZ5-M0-WN-C8
Description
Features and Benefits
Key Applications
ex) Outdoor area – Streetlight
•표는 반드시
“Table 번호#. 표 설명” 을 제목으로 한다.
www.seoulsemicon.com
 표 모양 동일 (하기 예시)
-표 머리글 부분 : 초록색바탕, 흰색글씨, 흰색 줄
-표 내용 부분 : 흰색바탕, 검은색 글씨, 투명 줄
-글씨체/크기 : Arial 8
-Unit 열은 표 우측으로 지정
Part Number
CCT
CRI
Color
Min.
Typ.
Max.
Min
Certificate 아이콘 삽입
(해당되는 아이콘 오른쪽 에서 왼쪽방향으로 순차 삽입)
Application 아이콘 삽입
(해당되는 아이콘 오른쪽 에서 왼쪽/아랫줄부터 순차 삽입)
TV, PC, NB,
MNT, Mobile
Automotive
Lighting, MR16, PAR,
down light
Bulb, LFT
Outdoor, streetlight,
tunnel, parking
Home appliance
Architectural,
Entertainment
Sign, Channel
Sensor, Torch
Application 응용제품 아이콘 삽입
글씨체는 : Arial, 10pt
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
•Key Applications
•Replacement lamps
•Architectural
•Entertainment
•Retail Display
•Commercial
•Industrial
•Outdoor area
•Off-grid
•Residential
•Consumer portable
•Safety & Security
•Strings & Strips
•Automotive Exterior Lighting
•Automotive Interior Lighting
SZ8-Y15-XX-XX - High-power LED
1
Rev2.0, Mar 22, 2016
Product Data Sheet
SZ8-Y15-XX-XX (Cool, Neutral, Warm)
High-Power LED - Z8 Y15
The WICOP2 series is designed for high
flux output applications with high current
operation capability.
Compact footprint(1.41x1.41mm)
enables system level cost saving
It incorporates state of the art SMD
design and low thermal resistant
material.
.
The WICOP2 is ideal light sources for
directional lighting applications such as
Spot Lights, various outdoor
applications, automotive lightings and
high performance torches .
Designed for high current operation
Low Thermal Resistance
A wide CCT range of 2,600~7,000K
ANSI compliant Binning
RoHS compliant
Phosphor film directly attached to
chip surface
Part Number
CCT
CRI
Color
Min.
Max.
Min
SZ8-Y15-W0-C7
Cool White
4,700K
7,000K
70
SZ8-Y15-W0-C8
Cool White
4,700K
7,000K
80
SZ8-Y15-W0-C9
Cool White
4,700K
7,000K
90
SZ8-Y15-WN-C7
Neutral White
3,700K
4,700K
70
SZ8-Y15-WN-C8
Neutral White
3,700K
4,700K
80
SZ8-Y15-WN-C9
Neutral White
3,700K
4,700K
90
SZ8-Y15-WW-C7
Warm White
2,600K
3,700K
70
SZ8-Y15-WW-C8
Warm White
2,600K
3,700K
80
SZ8-Y15-WW-C9
Warm White
2,600K
3,700K
90
Table 1. Product Selection Table
New Generation of WICOP
Residential - Replacement lamps
Commercial/Industrial
– Retail Display
Outdoor area - Flood/Street light, High Bay
RoHS


Similar Part No. - SZ8-Y15-WW-C7

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SZ8-Y11-W0-C7-A SEOUL-SZ8-Y11-W0-C7-A Datasheet
1Mb / 37P
   New Generation of WICOP High-Power LED -Z8 Y11
SZ8-Y11-W0-C7-A/C SEOUL-SZ8-Y11-W0-C7-A/C Datasheet
1Mb / 37P
   New Generation of WICOP High-Power LED -Z8 Y11
SZ8-Y11-W0-C7-C SEOUL-SZ8-Y11-W0-C7-C Datasheet
1Mb / 37P
   New Generation of WICOP High-Power LED -Z8 Y11
SZ8-Y11-W0-C8-A SEOUL-SZ8-Y11-W0-C8-A Datasheet
1Mb / 37P
   New Generation of WICOP High-Power LED -Z8 Y11
SZ8-Y11-W0-C8-A/C SEOUL-SZ8-Y11-W0-C8-A/C Datasheet
1Mb / 37P
   New Generation of WICOP High-Power LED -Z8 Y11
More results

Similar Description - SZ8-Y15-WW-C7

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SZ8-Y19-XX-XX SEOUL-SZ8-Y19-XX-XX Datasheet
1Mb / 30P
   New Generation of WICOP
SZ8-Y11-XX-XX-X SEOUL-SZ8-Y11-XX-XX-X Datasheet
1Mb / 37P
   New Generation of WICOP High-Power LED -Z8 Y11
SZ8-Y50-XX-XX-XX SEOUL-SZ8-Y50-XX-XX-XX Datasheet
846Kb / 26P
   New Generation of WICOP High-Power LED ?밯ICOP Z8 Y50
logo
Fairchild Semiconductor
FCH47N60 FAIRCHILD-FCH47N60_06 Datasheet
422Kb / 10P
   new generation of high voltage MOSFET
logo
STMicroelectronics
AN4242 STMICROELECTRONICS-AN4242 Datasheet
2Mb / 26P
   New generation of 650 V SiC diodes
logo
Integrated Device Techn...
AN-136 IDT-AN-136 Datasheet
92Kb / 12P
   A NEW GENERATION OF TAG SRAMS-THE IDT71215 AND
logo
LG Semicon Co.,Ltd.
GM71C4256B LG-GM71C4256B Datasheet
1Mb / 19P
   New Generation Dynamic RAM
logo
A-Data Technology
DDR42133SO-DIMM A-DATA-DDR42133SO-DIMM Datasheet
365Kb / 2P
   New generation DDR4 performance
logo
Fairchild Semiconductor
AN-5232 FAIRCHILD-AN-5232 Datasheet
1Mb / 15P
   New Generation Super-Junction MOSFETs
logo
KODENSHI_AUK CORP.
SUN04A60F KODENSHI-SUN04A60F Datasheet
470Kb / 8P
   New Generation N-Ch Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com