Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC219MS8 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part No. HMC219MS8
Description  GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC219MS8 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MICROWAVE CORPORATION
12 - 68
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
Input IP3 vs.
Temperature @ LO = +13 dBm
18
20
22
24
26
28
45
678
9
10
LO FREQUENCY (GHz)
+13 dBm
+15 dBm
+11 dBm
v01.0801
HMC219MS8
Input IP2 vs.
Temperature @ LO = +13 dBm
Input IP3 vs. LO Drive
MxN Spurious Outputs
Harmonics of LO
17
18
19
20
21
22
23
24
45
678
9
10
LO FREQUENCY (GHz)
-40C
+85C
+25C
30
35
40
45
50
55
45
678
9
10
LO FREQUENCY (GHz)
-40C
+85C
+25C
Input IP2 vs. Drive
25
30
35
40
45
50
55
45
678
9
10
LO FREQUENCY (GHz)
+13 dBm
+15 dBm
+11 dBm
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 4.5 - 9 GHz
LO Freq.
(GHz)
nLO Spur at RF Port
12
3
4
4.0
33
29
39
54
5.0
31
23
34
47
6.0
35
21
40
55
7.0
31
26
53
xx
8.0
27
32
54
xx
9.0
21
43
xx
xx
LO = +13 dBm
Values in dBc below input LO level measured at the RF port.
nLO
mRF
01234
0
xx
12.2
22.3
20.7
33.9
1
13.2
0
36.9
36.7
49.5
2
79.8
53.7
47.7
55.4
68.1
3
>105
>105
78.1
65.5
83.1
4
>105
>105
>105
98.1
87.1
RF = 6 GHz @ -10 dBm
LO = 6.1 GHz @ +13 dBm
All values in dBc below the IF power level (-1RF + 1LO).


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC218MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 6 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC168C8GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 8 GHz 1 2 3 Hittite Microwave Corporation
HMC175MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 1.7 - 4.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC171C8GaAs MMIC SMT DOUBLEBALANCED MIXER 7 - 10 GHz 1 2 3 4 Hittite Microwave Corporation
HMC207S8GaAs MMIC SMT DOUBLEBALANCED MIXER 0.7 - 2.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC340LP5GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER 1.7 - 4.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC208MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 0.7 - 2.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC220MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 5 - 12 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC128G8GaAs MMIC SMT DOUBLEBALANCED MIXER 1.8 - 5 GHz 1 2 3 4 Hittite Microwave Corporation
HMC129G8GaAs MMIC SMT DOUBLEBALANCED MIXER 4 - 8 GHz 1 2 3 4 Hittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn