Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC219MS8 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part No. HMC219MS8
Description  GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC219MS8 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC219MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC219MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC219MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC219MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC219MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC219MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
12 - 66
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
HMC219MS8
v01.0801
General Description
Features
Functional Diagram
Ultra Small Package: MSOP8
Conversion Loss: 8.5 dB
LO / RF Isolation: 25 dB
Electrical Specifications, T
A = +25° C, As a Function of LO Drive
Typical Applications
The HMC219MS8 is ideal for:
• UNII & HiperLAN
• ISM
• Microwave Radios
The HMC219MS8 is an ultra miniature double-
balanced mixer in an 8 lead plastic surface mount
package (MSOP). This passive MMIC mixer is
constructed of GaAs Schottky diodes and novel
planar transformer baluns on the chip. The device
can be used as an upconverter, downconverter,
bi-phase (de)modulator, or phase comparator.
The consistent MMIC performance will improve
system operation and assure regulatory compli-
ance.
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 4.5 - 9 GHz
Parameter
LO = +13 dBm
IF = 100 MHz
LO = +11 dBm
IF = 100 MHz
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range, RF & LO
4.5 - 9.0
4.5 - 8.6
GHz
Frequency Range, IF
DC - 2.5
DC - 2.5
GHz
Conversion Loss
8.5
10
8.5
10
dB
Noise Figure (SSB)
8.5
10
8.5
10
dB
LO to RF Isolation
17
25
20
25
dB
LO to IF Isolation
17
25
20
25
dB
IP3 (Input)
15
21
15
21
dBm
1 dB Gain Compression (Input)
7
10
5
8
dBm


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC218MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 6 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC168C8GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 8 GHz 1 2 3 Hittite Microwave Corporation
HMC175MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 1.7 - 4.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC171C8GaAs MMIC SMT DOUBLEBALANCED MIXER 7 - 10 GHz 1 2 3 4 Hittite Microwave Corporation
HMC207S8GaAs MMIC SMT DOUBLEBALANCED MIXER 0.7 - 2.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC340LP5GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER 1.7 - 4.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC208MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 0.7 - 2.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC220MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 5 - 12 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC128G8GaAs MMIC SMT DOUBLEBALANCED MIXER 1.8 - 5 GHz 1 2 3 4 Hittite Microwave Corporation
HMC129G8GaAs MMIC SMT DOUBLEBALANCED MIXER 4 - 8 GHz 1 2 3 4 Hittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn