Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC219MS8 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part No. HMC219MS8
Description  GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC219MS8 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MICROWAVE CORPORATION
12 - 70
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
Evaluation Circuit Board
v01.0801
HMC219MS8
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 4.5 - 9 GHz
List of Material
Item
Description
J1 - J3
PC Mount SMA RF Connector
U1
HMC219MS8 Mixer
PCB*
101650 Evaluation Board
* Circuit Board Material: Rogers 4350
The circuit board used in the final application should
use RF circuit design techniques. Signal lines should
have 50 ohm impedance while the package ground
leads should be connected directly to the ground
plane similar to that shown. A sufficient number of VIA
holes should be used to connect the top and bottom
ground planes. The evaluation circuit board shown is
available from Hittite upon request.


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC218MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 6 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC168C8GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 8 GHz 1 2 3 Hittite Microwave Corporation
HMC175MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 1.7 - 4.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC171C8GaAs MMIC SMT DOUBLEBALANCED MIXER 7 - 10 GHz 1 2 3 4 Hittite Microwave Corporation
HMC207S8GaAs MMIC SMT DOUBLEBALANCED MIXER 0.7 - 2.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC340LP5GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER 1.7 - 4.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC208MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 0.7 - 2.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC220MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 5 - 12 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC128G8GaAs MMIC SMT DOUBLEBALANCED MIXER 1.8 - 5 GHz 1 2 3 4 Hittite Microwave Corporation
HMC129G8GaAs MMIC SMT DOUBLEBALANCED MIXER 4 - 8 GHz 1 2 3 4 Hittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn