Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ8-Y19-XX-XX Datasheet(PDF) 6 Page - Seoul Semiconductor

Part # SZ8-Y19-XX-XX
Description  New Generation of WICOP
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SZ8-Y19-XX-XX Datasheet(HTML) 6 Page - Seoul Semiconductor

Back Button SZ8-Y19-XX-XX Datasheet HTML 2Page - Seoul Semiconductor SZ8-Y19-XX-XX Datasheet HTML 3Page - Seoul Semiconductor SZ8-Y19-XX-XX Datasheet HTML 4Page - Seoul Semiconductor SZ8-Y19-XX-XX Datasheet HTML 5Page - Seoul Semiconductor SZ8-Y19-XX-XX Datasheet HTML 6Page - Seoul Semiconductor SZ8-Y19-XX-XX Datasheet HTML 7Page - Seoul Semiconductor SZ8-Y19-XX-XX Datasheet HTML 8Page - Seoul Semiconductor SZ8-Y19-XX-XX Datasheet HTML 9Page - Seoul Semiconductor SZ8-Y19-XX-XX Datasheet HTML 10Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
www.seoulsemicon.com
SZ8-Y19-XX-XX - High-power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
6
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Product Data Sheet
Rev2.1, Apr 15, 2016
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
 하기 예시와 같이 테이블에 맞는 조건을 기입
Table #. Electro Optical Characteristics,
IF = 350mA, Tj=25℃
- 전기적 특성 – 아래첨자/대문자 예
) IF VF ФV
- 온도적 특성 – 아래첨자/소문자 예) Ta/j Topr0 Tstg
Performance Characteristics (Table)
하기와 같은 표 사용시 해당 슬라이드 사용하시면 됩니다.
기입되어 있는 내용 참고하시고 내용 추가/수정 가능
- ex) Electro Optical Characteristics
- ex) Absolute Maximum Ratings
* Power Dissipation
: max current x max VF(@max current)
* VF 공차 : ±0.1V (STD 사양)
* 밝기 공차 : ±10% (STD 사양)
* 수명 조건 : 고객 협의 조건 기재
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Forward Current [1]
I
F
-
-
1.5 [4]
2.0 [3]
A
Power Dissipation
P
D
-
-
7.8
W
Junction Temperature
T
j
-
-
145
ºC
Operating Temperature
T
opr
- 40
-
125
ºC
Storage Temperature
T
stg
- 40
-
125
ºC
Viewing angle
θ
140
degree
Thermal resistance (J to S) [2]
J-S
-
3 [3]
4.5 [4]
-
K/W
ESD Sensitivity(HBM)
Class 2 JESD22-A114-E
Table 3. Absolute Maximum Ratings
Notes :
(1) At Junction Temperature 85℃ condition.
(2)
J-S is tested at 700mA.
(3) Using Metal PCB (Dielectric layer 5W/
m·K and Cu pattern of 2oz).
(4) Using Metal PCB (Normal type).
Thermal resistance can be increased substantially depending on the heat sink design/operating
condition, and the maximum possible driving current will decrease accordingly.


Similar Part No. - SZ8-Y19-XX-XX

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SZ8-Y11-W0-C7-A SEOUL-SZ8-Y11-W0-C7-A Datasheet
1Mb / 37P
   New Generation of WICOP High-Power LED -Z8 Y11
SZ8-Y11-W0-C7-A/C SEOUL-SZ8-Y11-W0-C7-A/C Datasheet
1Mb / 37P
   New Generation of WICOP High-Power LED -Z8 Y11
SZ8-Y11-W0-C7-C SEOUL-SZ8-Y11-W0-C7-C Datasheet
1Mb / 37P
   New Generation of WICOP High-Power LED -Z8 Y11
SZ8-Y11-W0-C8-A SEOUL-SZ8-Y11-W0-C8-A Datasheet
1Mb / 37P
   New Generation of WICOP High-Power LED -Z8 Y11
SZ8-Y11-W0-C8-A/C SEOUL-SZ8-Y11-W0-C8-A/C Datasheet
1Mb / 37P
   New Generation of WICOP High-Power LED -Z8 Y11
More results

Similar Description - SZ8-Y19-XX-XX

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SZ8-Y15-XX-XX SEOUL-SZ8-Y15-XX-XX Datasheet
1Mb / 30P
   New Generation of WICOP
SZ8-Y11-XX-XX-X SEOUL-SZ8-Y11-XX-XX-X Datasheet
1Mb / 37P
   New Generation of WICOP High-Power LED -Z8 Y11
SZ8-Y50-XX-XX-XX SEOUL-SZ8-Y50-XX-XX-XX Datasheet
846Kb / 26P
   New Generation of WICOP High-Power LED ?밯ICOP Z8 Y50
logo
Fairchild Semiconductor
FCH47N60 FAIRCHILD-FCH47N60_06 Datasheet
422Kb / 10P
   new generation of high voltage MOSFET
logo
STMicroelectronics
AN4242 STMICROELECTRONICS-AN4242 Datasheet
2Mb / 26P
   New generation of 650 V SiC diodes
logo
Integrated Device Techn...
AN-136 IDT-AN-136 Datasheet
92Kb / 12P
   A NEW GENERATION OF TAG SRAMS-THE IDT71215 AND
logo
LG Semicon Co.,Ltd.
GM71C4256B LG-GM71C4256B Datasheet
1Mb / 19P
   New Generation Dynamic RAM
logo
A-Data Technology
DDR42133SO-DIMM A-DATA-DDR42133SO-DIMM Datasheet
365Kb / 2P
   New generation DDR4 performance
logo
Fairchild Semiconductor
AN-5232 FAIRCHILD-AN-5232 Datasheet
1Mb / 15P
   New Generation Super-Junction MOSFETs
logo
KODENSHI_AUK CORP.
SUN04A60F KODENSHI-SUN04A60F Datasheet
470Kb / 8P
   New Generation N-Ch Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com