Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC218MS8 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part No. HMC218MS8
Description  GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 6 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC218MS8 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
12 - 60
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
HMC218MS8
v01.0300
General Description
Features
Functional Diagram
Ultra Small Package: <1 mm High
IP3 (Input): +18 dBm
Conversion Loss: 8 dB
LO / RF Isolation: 30 dB
Electrical Specifications, T
A = +25° C, As a Function of LO Drive
Typical Applications
The HMC218MS8 is ideal for:
• UNII & HiperLAN
• Portable Wireless
• PCMCIA
The HMC218MS8 is an ultra miniature double-
balanced mixer in an 8 lead plastic surface mount
package (MSOP). This passive MMIC mixer is
constructed of GaAs Schottky diodes and novel
planar transformer baluns on the chip. The device
can be used as an upconverter, downconverter,
bi-phase (de)modulator, or phase comparator.
The consistent MMIC performance will improve
system operation and assure regulatory compli-
ance.
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 4.5 - 6 GHz
Parameter
LO = +13 dBm
IF = 100 MHz
LO = +10 dBm
IF = 100 MHz
LO = +7 dBm
IF = 100 MHz
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range, RF & LO
4.5 - 6.0
4.5 - 6.0
4.7 - 5.9
GHz
Frequency Range, IF
DC - 1.6
DC - 1.6
DC - 1.5
GHz
Conversion Loss
6.5
8.5
8
9.5
8
9.5
dB
Noise Figure (SSB)
6.5
8.5
8
9.5
8
9.5
dB
LO to RF Isolation
25
30
25
30
23
28
dB
LO to IF Isolation
15
25
14
25
12
23
dB
IP3 (Input)
5.2 GHz
5.8 GHz
12
15
16
18
11
13
14
17
9
10
12
13
dBm
1 dB Gain Compression (Input)
7
10
5
9
4
7
dBm


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC219MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 9 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC168C8GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 8 GHz 1 2 3 Hittite Microwave Corporation
HMC175MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 1.7 - 4.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC171C8GaAs MMIC SMT DOUBLEBALANCED MIXER 7 - 10 GHz 1 2 3 4 Hittite Microwave Corporation
HMC207S8GaAs MMIC SMT DOUBLEBALANCED MIXER 0.7 - 2.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC340LP5GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER 1.7 - 4.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC208MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 0.7 - 2.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC220MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 5 - 12 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC128G8GaAs MMIC SMT DOUBLEBALANCED MIXER 1.8 - 5 GHz 1 2 3 4 Hittite Microwave Corporation
HMC129G8GaAs MMIC SMT DOUBLEBALANCED MIXER 4 - 8 GHz 1 2 3 4 Hittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn