Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ5-M1-WW-C8 Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # SZ5-M1-WW-C8
Description  Superior Efficacy and Lumen output with Small Form Factor
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SZ5-M1-WW-C8 Datasheet(HTML) 3 Page - Seoul Semiconductor

  SZ5-M1-WW-C8 Datasheet HTML 1Page - Seoul Semiconductor SZ5-M1-WW-C8 Datasheet HTML 2Page - Seoul Semiconductor SZ5-M1-WW-C8 Datasheet HTML 3Page - Seoul Semiconductor SZ5-M1-WW-C8 Datasheet HTML 4Page - Seoul Semiconductor SZ5-M1-WW-C8 Datasheet HTML 5Page - Seoul Semiconductor SZ5-M1-WW-C8 Datasheet HTML 6Page - Seoul Semiconductor SZ5-M1-WW-C8 Datasheet HTML 7Page - Seoul Semiconductor SZ5-M1-WW-C8 Datasheet HTML 8Page - Seoul Semiconductor SZ5-M1-WW-C8 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Rev3.2, Jul 20. 2015
www.seoulsemicon.com
SZ5-M1-WX-XX
– High-Power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
3
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
Part Number
CCT
(K) [1]
Typical
Luminous Flux [2]
Ф
V
[3] (lm)
Typical Forward
Voltage (V
F)
[4]
CRI
[5],
R
a
Viewing
Angle
(degree
s)
2Θ ½
Typ.
350mA
700mA*
1.2A*
350mA
700mA*
1.2A*
Min.
Typ.
SZ5-M1-W0-00
5300
158
285
433
2.95
3.14
3.33
70
118
SZ5-M1-W0-C8
5300
150
271
411
2.95
3.14
3.33
75
118
SZ5-M1-WN-00
4000
156
276
415
2.95
3.14
3.33
70
118
SZ5-M1-WN-C8
4000
142
253
382
2.95
3.14
3.33
80
118
SZ5-M1-WW-00
3000
148
265
403
2.95
3.14
3.33
68
118
SZ5-M1-WW-C8
3000
128
231
353
2.95
3.14
3.33
80
118
SZ5-M1-WW-C9
3000
105
188
286
2.95
3.14
3.33
90
118
Table 2. Electro Optical Characteristics, T
j=25ºC, RH30%
Part Number
CCT (K)
[1]
Typical
Luminous Flux [2]
Ф
V
[3] (lm)
Typical Forward
Voltage (V
F)
[4]
Typ.
350mA
700mA*
1.2A*
350mA
700mA*
1.2A*
SZ5-M1-W0-00
5300
142
258
393
2.78
2.96
3.14
SZ5-M1-W0-C8
5300
135
245
373
2.78
2.96
3.14
SZ5-M1-WN-00
4000
137
250
380
2.78
2.96
3.14
SZ5-M1-WN-C8
4000
126
229
349
2.78
2.96
3.14
SZ5-M1-WW-00
3000
141
239
364
2.78
2.96
3.14
SZ5-M1-WW-C8
3000
117
210
322
2.78
2.96
3.14
SZ5-M1-WW-C9
3000
95
153
232
2.78
2.96
3.14
(1) Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram. Color
coordinate :
0.005, CCT 5% tolerance.
(2) Seoul Semiconductor maintains a tolerance of
7% on flux and power measurements.
(3) Ф
V is the total luminous flux output as measured with an integrating sphere.
(4) Tolerance is
0.06V on forward voltage measurements.
(5) Tolerance is
2.0 on CRI measurements.
* No values are provided by real measurement. Only for reference purpose
Notes :
Table 3. Electro Optical Characteristics, T
j=85ºC


Similar Part No. - SZ5-M1-WW-C8

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SZ5-M1 SEOUL-SZ5-M1 Datasheet
988Kb / 24P
   Superior Efficacy and Lumen output with Small Form Factor
More results

Similar Description - SZ5-M1-WW-C8

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SZ5-M1 SEOUL-SZ5-M1 Datasheet
988Kb / 24P
   Superior Efficacy and Lumen output with Small Form Factor
SZ5-M2-WW-00 SEOUL-SZ5-M2-WW-00_16 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
SPR05F0D SEOUL-SPR05F0D Datasheet
806Kb / 19P
   Superior Efficacy & Lumen output with Small Form Factor
SZDR5A0B SEOUL-SZDR5A0B Datasheet
730Kb / 20P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-P1-WX-XX SEOUL-SZ5-P1-WX-XX Datasheet
705Kb / 25P
   Superior Efficacy and Lumen output with Small Form Factor
SZ5-M2-WN-C8 SEOUL-SZ5-M2-WN-C8_16 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
SPG05F0D SEOUL-SPG05F0D Datasheet
791Kb / 19P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-W0-C8 SEOUL-SZ5-M2-W0-C8_16 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
SPF05F0B SEOUL-SPF05F0B Datasheet
873Kb / 21P
   Superior Efficacy & Lumen output with Small Form Factor
SZDR5A0C SEOUL-SZDR5A0C Datasheet
722Kb / 20P
   Superior Efficacy & Lumen output with Small Form Factor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com