Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC216MS8 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part No. HMC216MS8
Description  GaAs MMIC SMT DOUBLE-BALANCED FET MIXER, 1.3 - 2.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC216MS8 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MICROWAVE CORPORATION
12 - 55
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
-22
-20
-18
-16
-14
-12
-10
-8
-6
1
1.5
2
2.5
3
FREQUENCY (GHz)
-40 C
+25 C
+85 C
-60
-50
-40
-30
-20
-10
0
1
1.5
2
2.5
3
FREQUENCY (GHz)
RF/IF
LO/RF
LO/IF
Conversion Loss vs
Temperature @ LO = +7 dBm
Isolation @ LO = +7 dBm
-20
-15
-10
-5
0
1
1.5
2
2.5
3
FREQUENCY (GHz)
+3 dBm
+5 dBm
+11 dBm
+7 dBm
+9 dBm
Conversion Loss vs. LO Drive
v01.0801
-25
-20
-15
-10
-5
0
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
IF FREQUENCY (GHz)
Return Loss @ LO = +7 dBm
IF Bandwidth @ LO = +7 dBm
P1dB vs. Temperature for
LO = +7 dBm, Vgg = -1.2 Vdc
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
FREQUENCY (GHz)
LO
RF
IF
2
4
6
8
10
12
14
1.2
1.4
1.6
1.8
2
2.2
2.4
FREQUENCY (GHz)
-40 C
+25 C
+85 C
HMC216MS8
GaAs MMIC SMT DOUBLE-BALANCED
FET MIXER, 1.3 - 2.5 GHz


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC147S8GaAs MMIC SMT DOUBLE-BALANCED MIXER 1.6 - 3.4 GHz 1 2 3 4 Hittite Microwave Corporation
HMC292LM3CGaAs MMIC DOUBLE-BALANCED SMT MIXER 17 - 31 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC170C8GaAs MMIC SMT DOUBLEBALANCED MIXER 2.5 - 4 GHz 1 2 3 4 Hittite Microwave Corporation
HMC329LM3GaAs MMIC DOUBLE-BALANCED SMT MIXER 26 - 40 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC340LP5GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER 1.7 - 4.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC410MS8GGaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER 9.0 - 15.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC219MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 9 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC141LH5GaAs MMIC SMT DOUBLE BALANCED MIXER 7 - 14 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC220MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 5 - 12 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC213MS8GaAs MMIC SMT DOUBLE BALANCED MIXER 1.5 - 4.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn