Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC216MS8 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC216MS8
Description  GaAs MMIC SMT DOUBLE-BALANCED FET MIXER, 1.3 - 2.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC216MS8 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC216MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC216MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC216MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC216MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC216MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC216MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
12 - 54
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
HMC216MS8
GaAs MMIC SMT DOUBLE-BALANCED
FET MIXER, 1.3 - 2.5 GHz
v01.0801
General Description
Features
Functional Diagram
IP3 (Input): +25 dBm @ +11 dBm LO
LO Range = +3 to +11 dBm
Conversion Loss: 8.5 dB
LO / RF Isolation: 32 dB
Electrical Specifications, T
A = +25° C, As a Function of LO Drive, Vgg = -1.2 Vdc
Typical Applications
The HMC216MS8 is ideal for:
• Base Stations
• WirelessLAN
• PCMCIA
• Portable Wireless
The HMC216MS8 is an ultra miniature double-
balanced FET mixer in an 8 lead plastic surface
mount package (MSOP). This MMIC mixer is
constructed of switched GaAs FETs and novel
planar transformer baluns on the chip. In addition
to an LO drive of +3 to +13 dBm, a gate voltage of
Vgg = -0.9 to -1.6 Vdc is required. The device can
be used as an upconverter or downconverter for
1900 or 2400 MHz applications. The consistent
MMIC performance will improve system opera-
tion and assure regulatory compliance.
Parameter
LO = +11 dBm
LO = +7 dBm
LO = +3 dBm
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range, RF & LO
1.3 - 2.5
1.6 - 2.3
1.7 - 2.0
GHz
Frequency Range, IF
DC - 0.65
DC - 0.5
DC - 0.4
GHz
Conversion Loss
9
10.5
8.5
10
9
10.5
dB
Noise Figure (SSB)
9
10.5
8.5
10
9
10.5
dB
LO to RF Isolation
27
30
27
32
27
32
dB
LO to IF Isolation
17
20
17
20
17
20
dB
IP3 (Input)
21
25
14
18
8
12
dBm
1 dB Gain Compression (Input)
8
11
5
10
3
8
dBm


Similar Part No. - HMC216MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC216MS8 HITTITE-HMC216MS8 Datasheet
240Kb / 6P
   GaAs MMIC SMT DOUBLE-BALANCED FET MIXER, 1.3 - 2.5 GHz
HMC216MS8 HITTITE-HMC216MS8_06 Datasheet
240Kb / 6P
   GaAs MMIC SMT DOUBLE-BALANCED FET MIXER, 1.3 - 2.5 GHz
More results

Similar Description - HMC216MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC216MS8 HITTITE-HMC216MS8_06 Datasheet
240Kb / 6P
   GaAs MMIC SMT DOUBLE-BALANCED FET MIXER, 1.3 - 2.5 GHz
HMC170C8 HITTITE-HMC170C8_08 Datasheet
229Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 2.5 - 4 GHz
HMC292LM3C HITTITE-HMC292LM3C_06 Datasheet
323Kb / 8P
   GaAs MMIC DOUBLE-BALANCED SMT MIXER, 17 - 31 GHz
HMC128G8 HITTITE-HMC128G8_08 Datasheet
174Kb / 4P
   GaAs MMIC SMT DOUBLE - BALANCED MIXER, 1.8 - 5 GHz
HMC141LH5 HITTITE-HMC141LH5 Datasheet
280Kb / 6P
   GaAs MMIC SMT DOUBLE BALANCED MIXER, 7 - 14 GHz
HMC329LM3 HITTITE-HMC329LM3_06 Datasheet
345Kb / 8P
   GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
HMC168C8 HITTITE-HMC168C8_08 Datasheet
221Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 4.5 - 8 GHz
HMC213MS8 HITTITE-HMC213MS8 Datasheet
246Kb / 6P
   GaAs MMIC SMT DOUBLE BALANCED MIXER, 1.5 - 4.5 GHz
HMC141C8 HITTITE-HMC141C8_08 Datasheet
260Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 6 - 15 GHz
HMC218AMS8E HITTITE-HMC218AMS8E Datasheet
657Kb / 6P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 4.5 - 6 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com