Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGA7L1C0G3F330K160KA Datasheet(PDF) 1 Page - TDK Electronics

Part # CGA7L1C0G3F330K160KA
Description  Automotive Grade ( High Voltage (1000V and over) )
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGA7L1C0G3F330K160KA Datasheet(HTML) 1 Page - TDK Electronics

  CGA7L1C0G3F330K160KA Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Equivalent C4520C0G3F330K for Automotive
Automotive Grade ( High Voltage (1000V and over) )
CGA7(4520) [EIA CC1808]
L
4.50mm +/-0.4mm
W
2.00mm +/-0.2mm
T
1.60mm +/-0.2mm
B
0.20mm Min.
G
C0G (-55 to 125 degC 0+/-30ppm/degC)
3F (3000Vdc)
33pF
K (+/-10%)
1000 Min.
10Gohm Min.
Not Applicable
All specifications are subject to change without notice.
January 4, 2016
CGA7L1C0G3F330K160KA
TDK Item Description : CGA7L1C0G3F330KT****
Cap. vs. Freq. Characteristic
1
10
100
1000
1
10
100
1000
10000
Frequency/MHz
|Z|, ESR vs. Freq. Characteristics
0.01
0.1
1
10
100
1000
1
10
100
1000
10000
Frequency/MHz
|Z|
ESR
DC Bias Characteristic
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
200
400
600
800
1000
1200
DC Bias/V
Temperature Characteristics
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-60
-40
-20
0
20
40
60
80
100
120
140
160
Temperature/degC
Temp.Chara.
TCBias(1/2Rated)
Application & Main Feature
Series
Dimensions
Temperature Characteristic
Rated Voltage
Capacitance
Capacitance Tolerance
Q Factor
Insulation Resistance
AEC-Q200


Similar Part No. - CGA7L1C0G3F330K160KA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA7L1C0G3F390K160KA TDK-CGA7L1C0G3F390K160KA Datasheet
131Kb / 1P
   Automotive Grade ( High Voltage (1000V and over) )
More results

Similar Description - CGA7L1C0G3F330K160KA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA8L1C0G3F151K160KA TDK-CGA8L1C0G3F151K160KA Datasheet
130Kb / 1P
   Automotive Grade ( High Voltage (1000V and over) )
CGA8L1X7R3A472K160KA TDK-CGA8L1X7R3A472K160KA Datasheet
139Kb / 1P
   Automotive Grade ( High Voltage (1000V and over) )
CGA8L1X7R3A472M160KA TDK-CGA8L1X7R3A472M160KA Datasheet
139Kb / 1P
   Automotive Grade ( High Voltage (1000V and over) )
CGA7F1C0G3F100F085KA TDK-CGA7F1C0G3F100F085KA Datasheet
131Kb / 1P
   Automotive Grade ( High Voltage (1000V and over) )
CGA7G1C0G3F150K110KA TDK-CGA7G1C0G3F150K110KA Datasheet
131Kb / 1P
   Automotive Grade ( High Voltage (1000V and over) )
CGA7G1C0G3F180K110KA TDK-CGA7G1C0G3F180K110KA Datasheet
130Kb / 1P
   Automotive Grade ( High Voltage (1000V and over) )
CGA7K1X7R3D102M130KA TDK-CGA7K1X7R3D102M130KA Datasheet
138Kb / 1P
   Automotive Grade ( High Voltage (1000V and over) )
CGA7M1C0G3F680K200KA TDK-CGA7M1C0G3F680K200KA Datasheet
131Kb / 1P
   Automotive Grade ( High Voltage (1000V and over) )
CGA7M1C0G3F101K200KA TDK-CGA7M1C0G3F101K200KA Datasheet
131Kb / 1P
   Automotive Grade ( High Voltage (1000V and over) )
CGA8P1C0G3F331K250KA TDK-CGA8P1C0G3F331K250KA Datasheet
130Kb / 1P
   Automotive Grade ( High Voltage (1000V and over) )
CGA7G1C0G3F220K110KA TDK-CGA7G1C0G3F220K110KA Datasheet
131Kb / 1P
   Automotive Grade ( High Voltage (1000V and over) )
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com