Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC207S8 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC207S8
Description  GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC207S8 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC207S8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC207S8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC207S8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC207S8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC207S8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC207S8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
12 - 36
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
HMC207S8
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 0.7 - 2.0 GHz
v01.0801
General Description
Features
Functional Diagram
Conversion Loss: 9.0 dB
LO / IF Isolation: 45 dB
LO / RF Isolation: 40 dB
IP3 (Input): +17 dBm
Electrical Specifications, T
A = +25° C, As a Function of LO Drive
Typical Applications
The HMC207S8 is ideal for:
• Base Stations
• Cable Modems
• Portable Wireless
The HMC207S8 is a miniature double-balanced
mixer in an 8 lead plastic surface mount Small
Outline IC (SOIC) package. This passive MMIC
mixer is constructed of GaAs Schottky diodes and
novel planar transformer baluns on the chip. The
device can be used as an upconverter, down-
converter, biphase modulator (de)modulator, or
phase comparator. The consistent MMIC perfor-
mance will improve system operation and assure
regulatory compliance. The high LO suppression
of 45 to 50 dB yields excellent carrier suppres-
sion for modulator applications.
Parameter
LO = +13 dBm
IF = 70 MHz
LO = +10 dBm
IF = 70 MHz
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range, RF & LO
0.7 - 2.0
0.8 - 1.2
GHz
Frequency Range, IF
DC - 0.3
DC - 0.3
GHz
Conversion Loss
9
10.5
7.5
10
dB
Noise Figure (SSB)
9
10.5
7.5
10
dB
LO to RF Isolation
32
40
40
45
dB
LO to IF Isolation
38
45
40
45
dB
RF to IF Isolation
17
23
18
22
dB
IP3 (Input)
14
17
12
15
dBm
1 dB Gain Compression (Input)
8
11
7
10
dBm


Similar Part No. - HMC207S8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC207S8 HITTITE-HMC207S8 Datasheet
239Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC207S8 HITTITE-HMC207S8_06 Datasheet
239Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
More results

Similar Description - HMC207S8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC208AMS8 HITTITE-HMC208AMS8 Datasheet
639Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC207S8 HITTITE-HMC207S8_06 Datasheet
239Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC208MS8 HITTITE-HMC208MS8 Datasheet
175Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC208MS8 HITTITE-HMC208MS8_00 Datasheet
116Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER 0.7 - 2.0 GHz
HMC351S8 HITTITE-HMC351S8_06 Datasheet
244Kb / 6P
   GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 0.7 - 1.2 GHz
HMC351S8 HITTITE-HMC351S8 Datasheet
182Kb / 6P
   GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 0.7 - 1.2 GHz
HMC128G8 HITTITE-HMC128G8 Datasheet
117Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.8 - 5 GHz
HMC142C8 HITTITE-HMC142C8 Datasheet
143Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 6 - 15 GHz
HMC218MS8 HITTITE-HMC218MS8 Datasheet
183Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 6 GHz
HMC141C8 HITTITE-HMC141C8_06 Datasheet
187Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 6 - 15 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com