Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW4830 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJW4830
Description  Single High Side Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4830 Datasheet(HTML) 3 Page - New Japan Radio

  NJW4830 Datasheet HTML 1Page - New Japan Radio NJW4830 Datasheet HTML 2Page - New Japan Radio NJW4830 Datasheet HTML 3Page - New Japan Radio NJW4830 Datasheet HTML 4Page - New Japan Radio NJW4830 Datasheet HTML 5Page - New Japan Radio NJW4830 Datasheet HTML 6Page - New Japan Radio NJW4830 Datasheet HTML 7Page - New Japan Radio NJW4830 Datasheet HTML 8Page - New Japan Radio NJW4830 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NJW4830
- 3 -
Ver.2014-01-08
ELECTRICAL CHARACTERISTICS
(Unless otherwise noted, VDS=13V, Ta=25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Drain-Source Output Clamp Voltage
VDSS_CL
VIN=0V, IO=1mA, VDD=40V
VDD-45
V
High Level Input Voltage
VIH
IO=10mA
2.64
V
Low Level Input Voltage
VIL
IO=100µA
0.9
V
Protection Circuit Function
Input Voltage Range
VIN_opr
2.64
5.5
V
OUT Pin Leak Current
at OFF State
IOLEAKOUT
VIN=0V, VDD=40V
1
µA
Quiescent Current 1
IDD1
VIN=0V, VDD=40V
1
µA
Quiescent Current 2
IDD2
VIN=5V
110
150
µA
Input Current
IIN
VIN=5V
150
190
µA
On-state Resistance
RDS_ON
VIN=5V, IO=0.5A
0.35
0.6
Over Current Protection1
ILIMIT1
VIN=5V, VDS=5V
0.5
0.75
1.2
A
Over Current Protection2
ILIMIT2
VIN=5V, VDD=VDS=40V
0.1
0.4
A
Turn-on Time
tON
VIN=0 to 5V, IO=0.5A
20
µs
Turn-off Time
tOFF
VIN=5 to 0V, IO=0.5A
20
µs
OUT–VDD Voltage Difference
VPDOV
VIN=0V, IORH=1A
0.85
1.2
V
FLT Pin Low Level
Output Voltage
VVFLT
IFLT=500µA
0.25
0.5
V
FLT Pin Leak Current
at High Level
IOLEAKFLT
VFLT=5.5V
1
µA
FLT Delay Time
tDFLT
VIN=0 to 5V, VDS=22V
5
ms
TRUTH TABLE
Input Signal
Operating Condition
FLT Pin
Output Status
L
H
OFF
H
Normal
L
ON
L
H
OFF
H
Over Current ILIMIT1
L
ILIMIT1
L
H
OFF
H
Over Current ILIMIT2
L
ILIMIT2
L
H
OFF
H
Tj >150°C
H
OFF


Similar Part No. - NJW4830

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4832 NJRC-NJW4832 Datasheet
355Kb / 14P
   1-channel High Side Switch
NJW4832KH1-A NJRC-NJW4832KH1-A Datasheet
355Kb / 14P
   1-channel High Side Switch
NJW4832KH1-B NJRC-NJW4832KH1-B Datasheet
355Kb / 14P
   1-channel High Side Switch
More results

Similar Description - NJW4830

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33981 FREESCALE-33981_09 Datasheet
4Mb / 37P
   Single High Side Switch
logo
STMicroelectronics
IPS160H STMICROELECTRONICS-IPS160H Datasheet
766Kb / 26P
   Single high-side switch
logo
Freescale Semiconductor...
MC33981 FREESCALE-MC33981_10 Datasheet
3Mb / 40P
   Single High Side Switch
logo
Analog Intergrations Co...
AIC1520 AIC-AIC1520 Datasheet
212Kb / 7P
   Single High-Side Power Switch
logo
New Japan Radio
NJW4820 NJRC-NJW4820_14 Datasheet
268Kb / 9P
   Single Low Side Switch
logo
Infineon Technologies A...
BTT6050-1EKA INFINEON-BTT6050-1EKA_15 Datasheet
2Mb / 54P
   Smart High-Side Power Switch Single Channel
Rev. 1.1, 2015-03-04
BTT6020-1EKA INFINEON-BTT6020-1EKA_15 Datasheet
2Mb / 54P
   Smart High-Side Power Switch Single Channel
Rev. 1.1, 2015-03-04
logo
NEC
UPD16876 NEC-UPD16876 Datasheet
137Kb / 20P
   SINGLE Pch HIGH-SIDE SWITCH FOR USB
logo
Infineon Technologies A...
BTT6010-1EKB INFINEON-BTT6010-1EKB_15 Datasheet
1Mb / 48P
   Smart High-Side Power Switch Single Channel
Rev. 1.0, 2015-10-01
logo
Rohm
BD6512F ROHM-BD6512F Datasheet
215Kb / 6P
   High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com