Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW4814 Datasheet(PDF) 8 Page - New Japan Radio

Part # NJW4814
Description  Dual H-Bridge Driver with Boost Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4814 Datasheet(HTML) 8 Page - New Japan Radio

Back Button NJW4814 Datasheet HTML 4Page - New Japan Radio NJW4814 Datasheet HTML 5Page - New Japan Radio NJW4814 Datasheet HTML 6Page - New Japan Radio NJW4814 Datasheet HTML 7Page - New Japan Radio NJW4814 Datasheet HTML 8Page - New Japan Radio NJW4814 Datasheet HTML 9Page - New Japan Radio NJW4814 Datasheet HTML 10Page - New Japan Radio NJW4814 Datasheet HTML 11Page - New Japan Radio NJW4814 Datasheet HTML 12Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NJW4814
- 8 -
Ver.2015-04-07
TYPICAL CHARACTERISTICS (Boost Converter Block)
600
620
640
660
680
700
720
740
760
780
800
-50
-25
0
25
50
75
100 125 150
Ambient Temperature Ta (ºC)
Oscillation Frequency vs. Temperature
(VDD_SW=3.7V, RT=100kW)
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
-50
-25
0
25
50
75
100 125 150
Ambient Temperature Ta (ºC)
Reference Voltage vs. Temperature
(VDD_SW=3.7V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100 125 150
Ambient Temperature Ta (ºC)
Output ON Resistance vs. Temperature
(VDD_SW=3.7V, ISW=100mA)
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100 125 150
Ambient Temperature Ta (ºC)
Switching Current Limit vs. Temperature
(VDD_SW=3.7V)
300
400
500
600
700
800
900
1000
60
80
100
120
140
160
180
200
Timing Resistor RT (kW)
Oscillation Frequency vs. Timing Resistor
(VDD_SW=3.7V, Ta=25ºC)


Similar Part No. - NJW4814

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4810 NJRC-NJW4810 Datasheet
143Kb / 1P
   35V / 1A H-Bridge Driver
NJW4810A NJRC-NJW4810A Datasheet
153Kb / 12P
   Dual Half Bridge Driver
NJW4810GM1 NJRC-NJW4810GM1 Datasheet
143Kb / 1P
   35V / 1A H-Bridge Driver
NJW4813 NJRC-NJW4813 Datasheet
185Kb / 14P
   Dual Half Bridge Driver with Boost Converter
More results

Similar Description - NJW4814

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4813 NJRC-NJW4813 Datasheet
185Kb / 14P
   Dual Half Bridge Driver with Boost Converter
logo
Freescale Semiconductor...
17550 FREESCALE-17550 Datasheet
389Kb / 15P
   Quad H-Bridge Micromotor Driver with DC/DC Boost Converter
logo
Motorola, Inc
MPC17550 MOTOROLA-MPC17550 Datasheet
389Kb / 15P
   Quad H-Bridge Micromotor Driver with DC/DC Boost Converter
logo
Linear Technology
LT3572 LINER-LT3572_15 Datasheet
160Kb / 12P
   Dual Full-Bridge Piezo Driver with 900mA Boost Converter
LT3572 LINER-LT3572 Datasheet
161Kb / 12P
   Dual Full-Bridge Piezo Driver with 900mA Boost Converter
logo
New Japan Radio
NJM2670 NJRC-NJM2670 Datasheet
463Kb / 9P
   DUAL H BRIDGE DRIVER
logo
Texas Instruments
DRV8843 TI1-DRV8843_16 Datasheet
1Mb / 28P
[Old version datasheet]   Dual H-Bridge Driver
logo
Rohm
BD6735FV ROHM-BD6735FV_15 Datasheet
1Mb / 16P
   Dual H-Bridge Driver
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
   DUAL H-BRIDGE DRIVER IC
logo
Texas Instruments
DRV8833C TI1-DRV8833C Datasheet
1Mb / 29P
[Old version datasheet]   Dual H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com