Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW4810A Datasheet(PDF) 3 Page - New Japan Radio

Part # NJW4810A
Description  Dual Half Bridge Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4810A Datasheet(HTML) 3 Page - New Japan Radio

  NJW4810A Datasheet HTML 1Page - New Japan Radio NJW4810A Datasheet HTML 2Page - New Japan Radio NJW4810A Datasheet HTML 3Page - New Japan Radio NJW4810A Datasheet HTML 4Page - New Japan Radio NJW4810A Datasheet HTML 5Page - New Japan Radio NJW4810A Datasheet HTML 6Page - New Japan Radio NJW4810A Datasheet HTML 7Page - New Japan Radio NJW4810A Datasheet HTML 8Page - New Japan Radio NJW4810A Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NJW4810A
- 3 -
Ver.2015-02-10
 ABSOLUTE MAXIMUM RATINGS
(Ta=25°C)
PARAMETER
SYMBOL
MAXIMUM RATINGS
UNIT
REMARKS
Supply Voltage
V
+1, V+2
45
V
VDD1-GND pin
VDD2-GND pin
Input Voltage
VIN
0.3 to 6
V
IN1-GND pin
IN2-GND pin
FLT pin Voltage
VFLT
0.3 to 6
V
FLT-GND pin
FLT pin Current
IFLT
1
mA
Power Dissipation
PD
0.9 (*1)
3.1 (*2)
W
Operating Junction Temperature
Tj
40 to 150
C
Operating Temperature Range
Topr
40 to 85
C
Storage Temperature Range
Tstg
50 to 150
C
(*1): Mounted on glass epoxy board. (76.2×114.3×1.6mm:based on EIA/JDEC standard, 2Layers)
(*2): Mounted on glass epoxy board. (76.2×114.3×1.6mm:based on EIA/JDEC standard, 4Layers)
(For 4Layers: Applying 74.2×74.2mm inner Cu area and a thermal via hole to a board based on JEDEC standard JESD51-5)
 RECOMMENDED OPERATING CONDITIONS
(Ta=25°C)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
REMARKS
Operating Voltage
V
+1
V
+2
8
40
V
VDD1-GND pin
VDD2-GND pin
Output Switch Current
IOM
0
1
A
OUT1, OUT2 pin
Input Voltage
VIN
0
5.5
V
IN1-GND pin, IN2-GND pin
FLT pin Voltage
VFLT
0
5.5
V
FLT-GND pin


Similar Part No. - NJW4810A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4810 NJRC-NJW4810 Datasheet
143Kb / 1P
   35V / 1A H-Bridge Driver
NJW4810GM1 NJRC-NJW4810GM1 Datasheet
143Kb / 1P
   35V / 1A H-Bridge Driver
More results

Similar Description - NJW4810A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9997ND STMICROELECTRONICS-L9997ND Datasheet
96Kb / 9P
   DUAL HALF BRIDGE DRIVER
logo
Allegro MicroSystems
A3910 ALLEGRO-A3910_16 Datasheet
245Kb / 7P
   Dual Half Bridge Motor Driver
logo
Infineon Technologies A...
TLE6282G INFINEON-TLE6282G_11 Datasheet
312Kb / 16P
   Dual Half Bridge Driver IC
Rev 2.5 2011-05-24
TLE6282G INFINEON-TLE6282G Datasheet
220Kb / 14P
   Dual Half Bridge Driver IC
Rev 2.2 2006-03-07
logo
Allegro MicroSystems
A3910 ALLEGRO-A3910 Datasheet
231Kb / 7P
   Dual Half Bridge Motor Driver
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com