Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC199MS8 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC199MS8
Description  DUAL SPDT SWITCH DC - 2.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC199MS8 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC199MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC199MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC199MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC199MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC199MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC199MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
14 - 60
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
14
HMC199MS8
DUAL SPDT SWITCH
DC - 2.5 GHz
v03.0404
General Description
Features
Functional Diagram
Integrated Dual SPDTs
Low Insertion Loss: <0.5 dB @ 2.0 GHz
Positive Control: 0/+5V
Ultra Small MSOP8 Package: 14.8 mm2
Electrical Specifications, T
A = +25° C, Vctl = 0/+5 Vdc, 50 Ohm System
Typical Applications
The HMC199MS8 is ideal for:
• Cellular
• ISM Basestations
• PCS
The HMC199MS8 is a low-cost dual SPDT GaAs
“bypass” switch in an 8-lead MSOP package cover-
ing DC to 2.5 GHz. This four RF port component
integrates two SPDT switches and a through line
onto a single IC. The design provides low insertion
loss of less than 0.5 dB while switching passive or
active external circuit components in and out of the
signal path. Port to port isolations are typically 25
to 30 dB. On-chip circuitry enables positive voltage
control operation at very low DC currents with con-
trol inputs compatible with CMOS and most TTL
logic families.
Applications include LNA or filter
bypass switching and single bit attenuator switch-
ing.
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 1.0 GHz
DC - 2.0 GHz
DC - 2.5 GHz
0.3
0.5
0.7
0.6
0.8
1.0
dB
dB
dB
Isolation
DC - 2.0 GHz
DC - 2.5 GHz
22
17
25
21
dB
dB
Return Loss (On State, Any Port)
DC - 2.0 GHz
DC - 2.5 GHz
17
12
20
15
dB
dB
Input Power for 1 dB Compression
0.5 - 2.0 GHz
19
23
dBm
Input Third Order Intercept
(Two-tone Input Power = 0 dBm Each Tone)
0.5 - 2.0 GHz
32
36
dBm
Switching Characteristics
DC - 2.5 GHz
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
20
40
ns
ns


Similar Part No. - HMC199MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC199MS8 HITTITE-HMC199MS8 Datasheet
235Kb / 6P
   DUAL SPDT SWITCH DC - 2.5 GHz
HMC199MS8 HITTITE-HMC199MS8_06 Datasheet
235Kb / 6P
   DUAL SPDT SWITCH DC - 2.5 GHz
More results

Similar Description - HMC199MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC199MS8 HITTITE-HMC199MS8_06 Datasheet
235Kb / 6P
   DUAL SPDT SWITCH DC - 2.5 GHz
logo
Analog Devices
HMC199AMS8 AD-HMC199AMS8 Datasheet
310Kb / 6P
   DUAL SPDT SWITCH DC - 2.5 GHz
logo
Hexawave, Inc
HWS418 HW-HWS418 Datasheet
74Kb / 2P
   GaAs DC-2.5 GHz SPDT Switch
HWS443_V3 HW-HWS443_V3_15 Datasheet
59Kb / 2P
   GaAs DC-2.5 GHz SPDT Switch
HWS301 HW-HWS301 Datasheet
116Kb / 2P
   GaAs DC-2.5 GHz SPDT Switch
HWS314 HW-HWS314 Datasheet
115Kb / 2P
   GaAs DC-2.5 GHz SPDT Switch
HWS418_V3 HW-HWS418_V3_15 Datasheet
56Kb / 2P
   GaAs DC-2.5 GHz SPDT Switch
HWS303 HW-HWS303 Datasheet
120Kb / 2P
   GaAs DC-2.5 GHz SPDT Switch
HWS306 HW-HWS306 Datasheet
114Kb / 2P
   GaAs DC-2.5 GHz SPDT Switch
HWS435 HW-HWS435 Datasheet
70Kb / 2P
   GaAs DC-2.5 GHz SPDT Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com