Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW4161R-C Datasheet(PDF) 9 Page - New Japan Radio

Part # NJW4161R-C
Description  MOSFET Drive Switching Regulator IC for Buck Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4161R-C Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJW4161R-C Datasheet HTML 5Page - New Japan Radio NJW4161R-C Datasheet HTML 6Page - New Japan Radio NJW4161R-C Datasheet HTML 7Page - New Japan Radio NJW4161R-C Datasheet HTML 8Page - New Japan Radio NJW4161R-C Datasheet HTML 9Page - New Japan Radio NJW4161R-C Datasheet HTML 10Page - New Japan Radio NJW4161R-C Datasheet HTML 11Page - New Japan Radio NJW4161R-C Datasheet HTML 12Page - New Japan Radio NJW4161R-C Datasheet HTML 13Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
NJW4161
- 9 -
Ver.2015-05-11
PIN DESCRIPTIONS
PIN NAME
PIN
NUMBER
FUNCTION
REGH
1
Output pin of the high side regulator.
Connect a bypass capacitor to stabilize a driver circuit.
SI
2
Current Sensing pin
When difference voltage between the V+ pin and the SI pin exceeds 120mV(typ.),
over current protection operates.
OUT
3
Output pin for Power MOSFET Driving
The OUT pin Voltage is clamped with V+ -10V(typ.) at the time of Low level, in
order to protect a gate of Pch MOSFET.
V+
4
Power Supply pin
IN-
5
Output Voltage Detecting pin
Connects output voltage through the resistor divider tap to this pin in order to
voltage of the IN- pin become 0.8V.
FB
6
Feedback Setting pin
The feedback resistor and capacitor are connected between the FB pin and the
IN- pin.
RT
7
Oscillating Frequency Setting pin by Timing Resistor.
Oscillating Frequency should set between 50kHz and 1MHz.
NJW4161 becomes the standby mode when make RT pin open.
GND
8
GND pin
Technical Information
NJW4161 Application Manual


Similar Part No. - NJW4161R-C

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4160 NJRC-NJW4160 Datasheet
479Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4162A NJRC-NJW4162A Datasheet
321Kb / 12P
   2channel MOSFET Drive Switching Regulator IC for Buck Converter
More results

Similar Description - NJW4161R-C

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4162A NJRC-NJW4162A Datasheet
321Kb / 12P
   2channel MOSFET Drive Switching Regulator IC for Buck Converter
NJW4154 NJRC-NJW4154 Datasheet
281Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB_15 Datasheet
554Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152A NJRC-NJW4152A Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4158 NJRC-NJW4158 Datasheet
132Kb / 8P
   Switching Regulator IC for Buck Converter
NJW4160 NJRC-NJW4160 Datasheet
479Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB Datasheet
327Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152B NJRC-NJW4152B Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4128 NJRC-NJW4128 Datasheet
230Kb / 21P
   Switching Regulator IC for Buck Converter
NJW4153 NJRC-NJW4153 Datasheet
227Kb / 22P
   Switching Regulator IC for Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com