Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW4161R-B Datasheet(PDF) 3 Page - New Japan Radio

Part # NJW4161R-B
Description  MOSFET Drive Switching Regulator IC for Buck Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4161R-B Datasheet(HTML) 3 Page - New Japan Radio

  NJW4161R-B Datasheet HTML 1Page - New Japan Radio NJW4161R-B Datasheet HTML 2Page - New Japan Radio NJW4161R-B Datasheet HTML 3Page - New Japan Radio NJW4161R-B Datasheet HTML 4Page - New Japan Radio NJW4161R-B Datasheet HTML 5Page - New Japan Radio NJW4161R-B Datasheet HTML 6Page - New Japan Radio NJW4161R-B Datasheet HTML 7Page - New Japan Radio NJW4161R-B Datasheet HTML 8Page - New Japan Radio NJW4161R-B Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
NJW4161
- 3 -
Ver.2015-05-11
ABSOLUTE MAXIMUM RATINGS
(Ta=25°C)
PARAMETER
SYMBOL
MAXIMUM RATINGS
UNIT
Supply Voltage
V+
-0.3 to +45
V
OUT pin Voltage
VOUT
V+-11 to V+ (*1)
V
SI pin Voltage
VSI
V+-5 to V+ (*2)
V
REGH pin Voltage
VREGH
V+-11 to V+ (*1)
V
IN- pin Voltage
VIN-
-0.3 to +6
V
RT pin Voltage
VRT
-0.3 to +6 (*3)
V
OUT pin Peak Current
IO_PEAK+
IO_PEAK-
1,700 (Source)
1,100 (Sink)
mA
Power Dissipation
PD
MSOP8
(VSP8)
DIP8
595 (*4)
805 (*5)
700 (Device itself)
mW
Operating Temperature Range
Topr
-40 to +125
C
Storage Temperature Range
Tstg
-50 to +150
C
(*1): When Supply voltage is less than +11V, the absolute maximum rating is -0.3 to V+.
(*2): When Supply voltage is less than +5V, the absolute maximum rating is -0.3 to V+.
(*3): When Supply voltage is less than +6V, the absolute maximum voltage is equal to the Supply voltage.
(*4): Mounted on glass epoxy board. (76.2×114.3×1.6mm:based on EIA/JDEC standard, 2Layers)
(*5): Mounted on glass epoxy board. (76.2×114.3×1.6mm:based on EIA/JDEC standard, 4Layers),
internal Cu area: 74.2×74.2mm
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply Voltage
V+
3.1
40
V
Timing Resistor
RT
1.5
43
k
Oscillating Frequency
fOSC
50
1,000
kHz
REGH Capacitor
CREGH
0.01
0.1
1
F


Similar Part No. - NJW4161R-B

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4160 NJRC-NJW4160 Datasheet
479Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4162A NJRC-NJW4162A Datasheet
321Kb / 12P
   2channel MOSFET Drive Switching Regulator IC for Buck Converter
More results

Similar Description - NJW4161R-B

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4162A NJRC-NJW4162A Datasheet
321Kb / 12P
   2channel MOSFET Drive Switching Regulator IC for Buck Converter
NJW4154 NJRC-NJW4154 Datasheet
281Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB_15 Datasheet
554Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152A NJRC-NJW4152A Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4158 NJRC-NJW4158 Datasheet
132Kb / 8P
   Switching Regulator IC for Buck Converter
NJW4160 NJRC-NJW4160 Datasheet
479Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB Datasheet
327Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152B NJRC-NJW4152B Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4128 NJRC-NJW4128 Datasheet
230Kb / 21P
   Switching Regulator IC for Buck Converter
NJW4153 NJRC-NJW4153 Datasheet
227Kb / 22P
   Switching Regulator IC for Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com