Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW4161D-A Datasheet(PDF) 1 Page - New Japan Radio

Part # NJW4161D-A
Description  MOSFET Drive Switching Regulator IC for Buck Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4161D-A Datasheet(HTML) 1 Page - New Japan Radio

  NJW4161D-A Datasheet HTML 1Page - New Japan Radio NJW4161D-A Datasheet HTML 2Page - New Japan Radio NJW4161D-A Datasheet HTML 3Page - New Japan Radio NJW4161D-A Datasheet HTML 4Page - New Japan Radio NJW4161D-A Datasheet HTML 5Page - New Japan Radio NJW4161D-A Datasheet HTML 6Page - New Japan Radio NJW4161D-A Datasheet HTML 7Page - New Japan Radio NJW4161D-A Datasheet HTML 8Page - New Japan Radio NJW4161D-A Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
NJW4161
- 1 -
Ver.2015-05-11
MOSFET Drive Switching Regulator IC for Buck Converter
GENERAL DESCRIPTION
■ PACKAGE OUTLINE
FEATURES
Pch MOSFET Driving
Driving Voltage V+-10V(typ.)
Wide Operating Voltage Range
3.1V to 40V
PWM Control
Automatic PWM/PFM Control improves power efficiency at light load. (C ver.)
Wide Oscillating Frequency
50kHz to 1MHz
Soft Start Function
15ms (typ.)
Over Current Protection
Hiccup type (A, C ver.)
Latch type (B ver.)
Thermal Shutdown Protection
UVLO (Under Voltage Lockout)
Standby Function
Package Outline
NJW4161R: MSOP8(VSP8) *MEETJEDEC MO-187-DA
NJW4161D: DIP8
PRODUCT CLASSFICATION
Part Number
Version
Controller
Over Current
Protection
Package
Operating
Temperature
Range
NJW4161R-A
A
PWM control
Hiccup type
MSOP8
(VSP8)
General Spec.
-40 C to +125 C
NJW4161D-A
A
PWM control
Hiccup type
DIP8
General Spec.
-40 C to +125 C
NJW4161R-B
B
PWM control
Latch type
MSOP8
(VSP8)
General Spec.
-40 C to +125 C
NJW4161R-C
C
PWM/PFM
control
Hiccup type
MSOP8
(VSP8)
General Spec.
-40 C to +125 C
The NJW4161 is a MOSFET Drive switching regulator IC for
Buck Converter that operates wide input range from 3.1V to 40V.
It can provide large current application because of built-in highly
effective Pch MOSFET 10V drive circuit.
There are two types, Hiccup type and Latch type, of over
current protection version.
It is suitable for logic voltage generation from high voltage that
Car Accessory, Office Automation Equipment, Industrial
Instrument and so on.
NJW4161R
NJW4161D
(MSOP8(VSP8))
(DIP8)


Similar Part No. - NJW4161D-A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4160 NJRC-NJW4160 Datasheet
479Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4162A NJRC-NJW4162A Datasheet
321Kb / 12P
   2channel MOSFET Drive Switching Regulator IC for Buck Converter
More results

Similar Description - NJW4161D-A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4162A NJRC-NJW4162A Datasheet
321Kb / 12P
   2channel MOSFET Drive Switching Regulator IC for Buck Converter
NJW4154 NJRC-NJW4154 Datasheet
281Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB_15 Datasheet
554Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152A NJRC-NJW4152A Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4158 NJRC-NJW4158 Datasheet
132Kb / 8P
   Switching Regulator IC for Buck Converter
NJW4160 NJRC-NJW4160 Datasheet
479Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB Datasheet
327Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152B NJRC-NJW4152B Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4128 NJRC-NJW4128 Datasheet
230Kb / 21P
   Switching Regulator IC for Buck Converter
NJW4153 NJRC-NJW4153 Datasheet
227Kb / 22P
   Switching Regulator IC for Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com