Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP7920 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP7920
Description  Photocouplers Optically Isolation Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP7920 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP7920 Datasheet HTML 1Page - Toshiba Semiconductor TLP7920 Datasheet HTML 2Page - Toshiba Semiconductor TLP7920 Datasheet HTML 3Page - Toshiba Semiconductor TLP7920 Datasheet HTML 4Page - Toshiba Semiconductor TLP7920 Datasheet HTML 5Page - Toshiba Semiconductor TLP7920 Datasheet HTML 6Page - Toshiba Semiconductor TLP7920 Datasheet HTML 7Page - Toshiba Semiconductor TLP7920 Datasheet HTML 8Page - Toshiba Semiconductor TLP7920 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TLP7920,TLP7920F
5
10.2.
10.2.
10.2.
10.2. AC Characteristics (Note) (Unless otherwise specified, T
AC Characteristics (Note) (Unless otherwise specified, T
AC Characteristics (Note) (Unless otherwise specified, T
AC Characteristics (Note) (Unless otherwise specified, Taaaa = -40 to 105
= -40 to 105
= -40 to 105
= -40 to 105 
, V
, V
, V
, VDD1
DD1
DD1
DD1
=
=
=
=
4.5 to 5.5 V, V
4.5 to 5.5 V, V
4.5 to 5.5 V, V
4.5 to 5.5 V, VDD2
DD2
DD2
DD2
= 3.0 to 5.5 V)
= 3.0 to 5.5 V)
= 3.0 to 5.5 V)
= 3.0 to 5.5 V)
Characteristics
VOUT bandwidth (-3 dB)
VIN to VOUT propagation delay time
(10 %-10 %)
VIN to VOUT propagation delay time
(50 %-50 %)
VIN to VOUT propagation delay time
(90 %-90 %)
VOUT rise time
VOUT fall time
Common-mode transient immunity
Symbol
f-3dB
tpD10
tpD50
tpD90
tr
tf
CMTI
Test Condition
VIN+ = 400 mVp-p, sine wave
VIN+ = 0 to 200 mV/µs step
CL = 15 pF
VCM = 1 kV, Ta = 25 
Min
140
15
Typ.
230
1.9
2.3
2.8
1.7
1.7
20
Max
2.3
2.6
3.3
Unit
kHz
µs
kV/µs
Note:
All typical values are at Ta = 25 .
CL is approximately 15 pF which includes probe and stray wiring capacitance.
11.
11.
11.
11. Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Total capacitance (input to output)
Isolation resistance
Isolation voltage
Symbol
CS
RS
BVS
Note
(Note 1)
(Note 1)
(Note 1)
Test Condition
VS = 0 V, f = 1 MHz
VS = 500 V, R.H. ≤ 60 %
AC, 60 s
AC, 1 s in oil
DC, 60 s in oil
Min
1 × 1012
5000
Typ.
1.0
1014
10000
10000
Max
Unit
pF
Vrms
Vdc
Note 1: This device is considered as a two-terminal device: Pins 1, 2, 3 and 4 are shorted together, and pins 5, 6, 7
and 8 are shorted together.
12.
12.
12.
12. Land Pattern Dimensions (for reference only)
Land Pattern Dimensions (for reference only)
Land Pattern Dimensions (for reference only)
Land Pattern Dimensions (for reference only)
Unit : mm
TLP7920(LF1,TP1),TLP7920(LF5,TP5)
Fig.
Fig.
Fig.
Fig. 12.1
12.1
12.1
12.1 Lead forming and taping option
Lead forming and taping option
Lead forming and taping option
Lead forming and taping option
(LF1), (TP1), (LF5), (TP5)
(LF1), (TP1), (LF5), (TP5)
(LF1), (TP1), (LF5), (TP5)
(LF1), (TP1), (LF5), (TP5)
TLP7920F(LF4,TP4)
Fig.
Fig.
Fig.
Fig. 12.2
12.2
12.2
12.2 Lead forming and taping option
Lead forming and taping option
Lead forming and taping option
Lead forming and taping option
(LF4), (TP4)
(LF4), (TP4)
(LF4), (TP4)
(LF4), (TP4)
2015-09-10
Rev.1.0
©2015 Toshiba Corporation


Similar Part No. - TLP7920

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP7930 TOSHIBA-TLP7930 Datasheet
537Kb / 18P
   Photocouplers Optically Isolated Delta-Sigma Modulator
TLP7930F TOSHIBA-TLP7930F Datasheet
537Kb / 18P
   Photocouplers Optically Isolated Delta-Sigma Modulator
TLP795G TOSHIBA-TLP795G Datasheet
324Kb / 6P
   PHOTO RELAY
TLP797GA TOSHIBA-TLP797GA Datasheet
130Kb / 5P
   Cordless Telephone
TLP797GA TOSHIBA-TLP797GA Datasheet
66Kb / 4P
   6 pin DIP (DIP6)
More results

Similar Description - TLP7920

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP7820 TOSHIBA-TLP7820 Datasheet
586Kb / 15P
   Photocouplers Optically Isolation Amplifiers
2020-06-25 Rev.9.0
logo
Texas Instruments
3650HG TI-3650HG Datasheet
149Kb / 14P
[Old version datasheet]   Optically-Coupled Linear ISOLATION AMPLIFIERS
logo
Burr-Brown (TI)
3650 BURR-BROWN-3650 Datasheet
127Kb / 13P
   Optically-Coupled Linear ISOLATION AMPLIFIERS
logo
Toshiba Semiconductor
TLP7830 TOSHIBA-TLP7830 Datasheet
252Kb / 9P
   Photocouplers Optically Isolated Delta-Sigma Modulator
TLP7930 TOSHIBA-TLP7930 Datasheet
537Kb / 18P
   Photocouplers Optically Isolated Delta-Sigma Modulator
logo
Burr-Brown (TI)
ISO100 BURR-BROWN-ISO100 Datasheet
202Kb / 15P
   Optically-Coupled Linear ISOLATION AMPLIFIER
logo
Bedford Opto Technology...
OPI3000MC BOT-OPI3000MC Datasheet
132Kb / 2P
   Optically Coupled Isolator 30kV Isolation
OPI3000P BOT-OPI3000P Datasheet
35Kb / 2P
   Optically Coupled Isolator 30kV Isolation
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-790A-500E AVAGO-ACPL-790A-500E Datasheet
198Kb / 15P
   Precision Isolation Amplifiers
ACPL-7900-500E AVAGO-ACPL-7900-500E Datasheet
1Mb / 15P
   Precision Isolation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com