Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW4155GM1-B Datasheet(PDF) 2 Page - New Japan Radio

Part # NJW4155GM1-B
Description  Current Mode Control Internal 1.8A MOSFET Switching Regulator IC for Buck Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4155GM1-B Datasheet(HTML) 2 Page - New Japan Radio

  NJW4155GM1-B Datasheet HTML 1Page - New Japan Radio NJW4155GM1-B Datasheet HTML 2Page - New Japan Radio NJW4155GM1-B Datasheet HTML 3Page - New Japan Radio NJW4155GM1-B Datasheet HTML 4Page - New Japan Radio NJW4155GM1-B Datasheet HTML 5Page - New Japan Radio NJW4155GM1-B Datasheet HTML 6Page - New Japan Radio NJW4155GM1-B Datasheet HTML 7Page - New Japan Radio NJW4155GM1-B Datasheet HTML 8Page - New Japan Radio NJW4155GM1-B Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
NJW4155
- 2 -
Ver.2015-11-13
PRODUCT CLASSIFICATION
Part Number
Version
Oscillation
Frequency
Power Good
Package
Operating Temperature
Range
NJW4155GM1-A
A
450kHz typ.
HSOP8
General Spec.
Ta=-40 C to +125 C
NJW4155GM1-B
B
300kHz typ.
HSOP8
General Spec.
Ta=-40 C to +125 C
NJW4155DL3-B
B
300kHz typ.
TO-252-5
General Spec.
Ta=-40 C to +125 C
NJW4155GM1-C
C
450kHz typ.
HSOP8
(7pin: N.C.)
General Spec.
Ta=-40 C to +125 C
PIN CONFIGURATION
PIN DESCRIPTIONS
PIN NAME
PIN NUMBER
FUNCTION
HSOP8
HSOP8
TO-252-5
A ver.
B ver.
C ver.
B ver.
SW
1
2
1
2
2
Switch Output pin of Power MOSFET
GND
3
3
3
GND pin
PG
4
4
Power Good pin. An open drain output that goes high impedance
when the IN- pin voltage is stable around 10%.(Only HSOP8 PKG)
IN-
5
5
4
Output Voltage Detecting pin
Connects output voltage through the resistor divider tap to this pin in
order to voltage of the IN- pin become 0.8V.
EN/SYNC
6
6
5
Standby Control pin
The EN/SYNC pin internally pulls down with 100k . Normal
Operation at the time of High Level. Standby Mode at the time of Low
Level or OPEN. Moreover, it operates by inputting clock signal at the
oscillatory frequency that synchronized with the input signal.
N.C.
7
Non Connection
V+
7
8
8
1
Power Supply pin for Power Line
Exposed
PAD
Connect to GND (Only HSOP8 PKG)
NJW4155GM1-C
1
4
3
2
8
5
6
7
Exposed PAD on
backside connect to GND
EN/SYNC
IN-
N.C.
V+
SW
SW
GND
PG
NJW4155DL3-B
3
3 GND
2 SW
1 V+
4 IN-
5 EN/SYNC
NJW4155GM1-A
NJW4155GM1-B
1
4
3
2
8
5
6
7
Exposed PAD on
backside connect to GND
EN/SYNC
IN-
V+
V+
SW
SW
GND
PG


Similar Part No. - NJW4155GM1-B

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4150 NJRC-NJW4150 Datasheet
129Kb / 8P
   Internal 34V MOSFET Switching Regulator IC for Buck Converter
NJW4150A NJRC-NJW4150A Datasheet
240Kb / 9P
   Internal 40V MOSFET Switching Regulator IC for Buck Converter
NJW4150ARB1-A NJRC-NJW4150ARB1-A Datasheet
240Kb / 9P
   Internal 40V MOSFET Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB Datasheet
327Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB_15 Datasheet
554Kb / 23P
   Switching Regulator IC for Buck Converter
More results

Similar Description - NJW4155GM1-B

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4170 NJRC-NJW4170 Datasheet
476Kb / 24P
   Current Mode Control High Speed Frequency Internal 1A MOSFET Switching Regulator IC for Buck Converter
NJW4196 NJRC-NJW4196 Datasheet
285Kb / 11P
   Internal 3.5A MOSFET Switching Regulator IC for Buck Converter
NJW4150 NJRC-NJW4150 Datasheet
129Kb / 8P
   Internal 34V MOSFET Switching Regulator IC for Buck Converter
NJW4150A NJRC-NJW4150A Datasheet
240Kb / 9P
   Internal 40V MOSFET Switching Regulator IC for Buck Converter
NJW4161 NJRC-NJW4161 Datasheet
419Kb / 19P
   MOSFET Drive Switching Regulator IC for Buck Converter
NJW4154 NJRC-NJW4154 Datasheet
281Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB_15 Datasheet
554Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152A NJRC-NJW4152A Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4158 NJRC-NJW4158 Datasheet
132Kb / 8P
   Switching Regulator IC for Buck Converter
NJW4160 NJRC-NJW4160 Datasheet
479Kb / 22P
   Switching Regulator IC for Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com