Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP2662 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP2662
Description  Photocouplers GaA-As Infrared LED and Photo IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2662 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP2662_15 Datasheet HTML 1Page - Toshiba Semiconductor TLP2662_15 Datasheet HTML 2Page - Toshiba Semiconductor TLP2662_15 Datasheet HTML 3Page - Toshiba Semiconductor TLP2662_15 Datasheet HTML 4Page - Toshiba Semiconductor TLP2662_15 Datasheet HTML 5Page - Toshiba Semiconductor TLP2662_15 Datasheet HTML 6Page - Toshiba Semiconductor TLP2662_15 Datasheet HTML 7Page - Toshiba Semiconductor TLP2662_15 Datasheet HTML 8Page - Toshiba Semiconductor TLP2662_15 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TLP2662,TLP2662F
5
10.
10.
10.
10. Electrical Characteristics (Note)
Electrical Characteristics (Note)
Electrical Characteristics (Note)
Electrical Characteristics (Note)
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, Taaaa = -40 to 125
= -40 to 125
= -40 to 125
= -40 to 125 
, V
, V
, V
, VCC
CC
CC
CC
= 2.7 to 5.5 V)
= 2.7 to 5.5 V)
= 2.7 to 5.5 V)
= 2.7 to 5.5 V)
Characteristics
Input forward voltage
Input forward voltage
temperature coefficient
Input reverse current
Input capacitance
High-level output current
Low-level output voltage
Low-level supply current
High-level supply current
Threshold input current (H/L)
Symbol
VF
∆VF/∆Ta
IR
Ct
IOH
VOL
ICCL
ICCH
IFHL
Note
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
Test
Circuit
Fig.
13.1.1
Fig.
13.1.1
Fig.
13.1.2
Fig.
13.1.4
Fig.
13.1.3
Test Condition
IF = 10 mA, Ta = 25 
IF = 10 mA
VR = 5 V, Ta = 25 
V = 0 V, f = 1 MHz, Ta = 25 
VF = 0.8 V, VO = 5.5 V,
VCC = 5.5 V
VF = 0.8 V, VO = 5.5 V,
VCC = 5.5 V, Ta = 25 
IF = 10 mA,
IO = 13 mA (Sinking)
IF1 =IF2 = 10 mA
IF1 =IF2 = 0 mA
IO = 13 mA (Sinking),
VO < 0.6 V, Ta = 25 
IO = 13 mA (Sinking),
VO < 0.6 V
Min
1.45
Typ.
1.55
-2.0
60
0.2
3.8
3.4
1.3
Max
1.7
10
50
10
0.6
8
8
2.8
5.0
Unit
V
mV/
µA
pF
µA
µA
V
mA
mA
mA
mA
Note:
All typical values are at Ta = 25 .
Note 1: Each channel
11.
11.
11.
11. Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Total capacitance (input to output)
Isolation resistance
Isolation voltage
Symbol
CS
RS
BVS
Note
(Note 1)
(Note 1)
(Note 1)
Test Condition
VS = 0 V, f = 1 MHz
VS = 500 V, R.H. ≤ 60 %
AC, 60 s
AC, 1 s in oil
DC, 60 s in oil
Min
1 × 1012
5000
Typ.
1.0
1014
10000
10000
Max
Unit
pF
Vrms
Vrms
Vdc
Note 1: This device is considered as a two-terminal device: Pins 1, 2, 3 and 4 are shorted together, and pins 5, 6, 7
and 8 are shorted together.
2015-11-30
Rev.5.0
©2015 Toshiba Corporation


Similar Part No. - TLP2662_15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2662F TOSHIBA-TLP2662F Datasheet
445Kb / 16P
   Photocouplers GaAAs Infrared LED & Photo IC
More results

Similar Description - TLP2662_15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2366 TOSHIBA-TLP2366 Datasheet
465Kb / 17P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2466 TOSHIBA-TLP2466 Datasheet
231Kb / 11P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2451A TOSHIBA-TLP2451A Datasheet
215Kb / 10P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2355 TOSHIBA-TLP2355 Datasheet
261Kb / 11P
   Photocouplers GaA - As Infrared LED and Photo IC
TLP701A TOSHIBA-TLP701A Datasheet
389Kb / 16P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2368 TOSHIBA-TLP2368 Datasheet
477Kb / 16P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2398 TOSHIBA-TLP2398 Datasheet
560Kb / 18P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2468 TOSHIBA-TLP2468_15 Datasheet
331Kb / 13P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2962 TOSHIBA-TLP2962_15 Datasheet
325Kb / 13P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2362 TOSHIBA-TLP2362 Datasheet
476Kb / 16P
   Photocouplers GaA-As Infrared LED and Photo IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com