Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38693QSD-5.0/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP38693QSD-5.0/NOPB
Description  Low-Dropout CMOS Linear Regulators Stable
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38693QSD-5.0/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP38693QSD-5.0/NOPB Datasheet HTML 2Page - Texas Instruments LP38693QSD-5.0/NOPB Datasheet HTML 3Page - Texas Instruments LP38693QSD-5.0/NOPB Datasheet HTML 4Page - Texas Instruments LP38693QSD-5.0/NOPB Datasheet HTML 5Page - Texas Instruments LP38693QSD-5.0/NOPB Datasheet HTML 6Page - Texas Instruments LP38693QSD-5.0/NOPB Datasheet HTML 7Page - Texas Instruments LP38693QSD-5.0/NOPB Datasheet HTML 8Page - Texas Instruments LP38693QSD-5.0/NOPB Datasheet HTML 9Page - Texas Instruments LP38693QSD-5.0/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
LP38691, LP38693, LP38691-Q1, LP38693-Q1
SNVS321O – JANUARY 2005 – REVISED DECEMBER 2015
www.ti.com
Electrical Characteristics (continued)
Unless otherwise specified, limits apply for TJ = 25°C, VIN = VOUT + 1 V, CIN = COUT = 10 µF, ILOAD = 10 mA. Minimum and
maximum limits are specified through testing, statistical correlation, or design.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIN ≤ 10 V, IL =100 µA - 0.5 A
55
VIN ≤ 10 V, IL =100 µA - 0.5 A
IQ
Quiescent current
100
Full operating temperature range
µA
VEN ≤ 0.4 V, (LP38693 Only)
0.001
1
VIN – VO ≤ 4 V
IL(MIN)
Minimum load current
100
Full operating temperature range
VIN – VO > 5 V
350
IFB
Foldback current limit
mA
VIN – VO < 4 V
850
PSRR
Ripple rejection
VIN = VO + 2 V(DC), with 1 V(p-p) / 120-Hz Ripple
55
dB
Thermal shutdown activation
TSD
160
(junction temp)
°C
TSD
Thermal shutdown hysteresis
10
(HYST)
(junction temp)
BW = 10 Hz to 10 kHz
en
Output noise
0.7
µV/
√Hz
VO = 3.3 V
VO (LEAK) Output leakage current
VO = VO(NOM) + 1 V at 10 VIN
0.5
12
µA
Output = OFF
0.4
Full operating temperature range
Output = ON, VIN = 4 V
1.8
Full operating temperature range
Enable voltage (LP38693
VEN
V
Only)
Output = ON, VIN = 6 V
3
Full operating temperature range
Output = ON, VIN = 10 V
4
Full operating temperature range
Enable pin leakage
VEN = 0 V or 10 V, VIN = 10 V
IEN
–1
0.001
1
µA
(lLP38693 only)
6
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LP38691 LP38693 LP38691-Q1 LP38693-Q1


Similar Part No. - LP38693QSD-5.0/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38693QSD-5.0/NOPB TI1-LP38693QSD-5.0/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
More results

Similar Description - LP38693QSD-5.0/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38691-ADJ TI1-LP38691-ADJ_16 Datasheet
1Mb / 27P
[Old version datasheet]   500-mA Low-Dropout CMOS Linear Regulators Stable
logo
First Components Intern...
LM8805 FCI-LM8805 Datasheet
439Kb / 7P
   600mA CMOS Low-Dropout Linear Regulators
logo
National Semiconductor ...
LP38690 NSC-LP38690 Datasheet
820Kb / 15P
   1A Low Dropout CMOS Linear Regulators
logo
Texas Instruments
LP38841 TI1-LP38841_16 Datasheet
1Mb / 17P
[Old version datasheet]   0.8A Ultra Low Dropout Linear Regulators Stable
LP38691SD-3.3 TI-LP38691SD-3.3 Datasheet
1Mb / 27P
[Old version datasheet]    500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38693 NSC-LP38693 Datasheet
793Kb / 15P
   500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38692MP-3.3 TI1-LP38692MP-3.3 Datasheet
1Mb / 28P
[Old version datasheet]   1A Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691DTX-5.0 TI-LP38691DTX-5.0 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691SD-3.3 TI-LP38691SD-3.3 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693MP-5 TI1-LP38693MP-5 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com