Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP2362 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP2362
Description  Photocouplers GaA-As Infrared LED and Photo IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2362 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP2362 Datasheet HTML 1Page - Toshiba Semiconductor TLP2362 Datasheet HTML 2Page - Toshiba Semiconductor TLP2362 Datasheet HTML 3Page - Toshiba Semiconductor TLP2362 Datasheet HTML 4Page - Toshiba Semiconductor TLP2362 Datasheet HTML 5Page - Toshiba Semiconductor TLP2362 Datasheet HTML 6Page - Toshiba Semiconductor TLP2362 Datasheet HTML 7Page - Toshiba Semiconductor TLP2362 Datasheet HTML 8Page - Toshiba Semiconductor TLP2362 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TLP2362
1
Photocouplers GaAℓAs Infrared LED & Photo IC
TLP2362
TLP2362
TLP2362
TLP2362
Start of commercial production
2011-05
1.
1.
1.
1. Applications
Applications
Applications
Applications
Factory Automation (FA)
Plasma Display Panels (PDPs)
Measuring Instruments
2.
2.
2.
2. General
General
General
General
The Toshiba TLP2362 consists of a high-output GaAℓAs light-emitting diode coupled with integrated high gain,
high-speed photodetectors. The TLP2362 guarantees operation at up to 125  and on supplies from 2.7 V to 5.5
V. It is housed in the SO6 package. The TLP2362 has an internal Faraday shield that provides a guaranteed
common-mode transient immunity of ±20 kV/µs.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Inverter logic type (open collector output)
(2)
Package: SO6
(3)
Operating temperature: -40 to 125 
(4)
Supply voltage: 2.7 to 5.5 V
(5)
Data transfer rate: 10 MBd (typ.) (NRZ)
(6)
Threshold input current: 5.0 mA (max)
(7)
Supply current: 4 mA (max)
(8)
Common-mode transient immunity: ±20 kV/µs (min)
(9)
Isolation voltage: 3750 Vrms (min)
(10) Safety standards
UL-approved: UL1577, File No.E67349
cUL-approved: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN60747-5-5, EN60065 or EN60950-1 (Note 1)
(Note 1)
(Note 1)
(Note 1)
CQC-approved: GB4943.1, GB8898 Thailand Factory
Note 1: When a VDE approved type is needed, please designate the Option (V4)
Option (V4)
Option (V4)
Option (V4).
2016-01-19
Rev.6.0
©2016 Toshiba Corporation


Similar Part No. - TLP2362

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2361 TOSHIBA-TLP2361 Datasheet
424Kb / 16P
   Inverter logic type (Totem pole output)
TLP2366 TOSHIBA-TLP2366 Datasheet
465Kb / 17P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2368 TOSHIBA-TLP2368 Datasheet
477Kb / 16P
   Photocouplers GaA-As Infrared LED and Photo IC
More results

Similar Description - TLP2362

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2366 TOSHIBA-TLP2366 Datasheet
465Kb / 17P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2466 TOSHIBA-TLP2466 Datasheet
231Kb / 11P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2662 TOSHIBA-TLP2662_15 Datasheet
562Kb / 19P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2451A TOSHIBA-TLP2451A Datasheet
215Kb / 10P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2355 TOSHIBA-TLP2355 Datasheet
261Kb / 11P
   Photocouplers GaA - As Infrared LED and Photo IC
TLP701A TOSHIBA-TLP701A Datasheet
389Kb / 16P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2368 TOSHIBA-TLP2368 Datasheet
477Kb / 16P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2398 TOSHIBA-TLP2398 Datasheet
560Kb / 18P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2468 TOSHIBA-TLP2468_15 Datasheet
331Kb / 13P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2962 TOSHIBA-TLP2962_15 Datasheet
325Kb / 13P
   Photocouplers GaA-As Infrared LED and Photo IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com