Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDBW-54W-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBW-54W-HF
Description  Small Signal Schottky Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBW-54W-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBW-54W-HF Datasheet HTML 1Page - Comchip Technology CDBW-54W-HF Datasheet HTML 2Page - Comchip Technology CDBW-54W-HF Datasheet HTML 3Page - Comchip Technology CDBW-54W-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES
(CDBW-54W-HF)
Small Signal Schottky Diodes
Ambient temperature, (°C)
100
200
300
400
600
500
Reverse Voltage, (V)
0
0
25
50
75
100
125
0
10
15
20
25
30
5
5
10
15
20
0
Fig.4 - Power Derating Curve
Fig.3 - Capacitance Characteristics
f = 1 MHz
Ta=25°C
0
100
600
500
400
300
200
Forward Voltage, (mV)
1
100
10
0.1
200
Fig.1 - Forward Characteristics
TJ=25°C
TJ=50°C
TJ=75°C
TJ=100°C
TJ=125°C
0.1
1
100
10
0
0
10
20
30
40
Reverse Voltage, (V)
Fig.2 - Reverse Characteristics
TJ=75°C
TJ=100°C
TJ=125°C
TJ=25°C
TJ=50°C
Page 2
QW-JA009
REV: A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - CDBW-54W-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBW0120-G COMCHIP-CDBW0120-G Datasheet
52Kb / 2P
   Schottky Barrier Diode
CDBW0130-G COMCHIP-CDBW0130-G Datasheet
52Kb / 2P
   Schottky Barrier Diode
CDBW0140-G COMCHIP-CDBW0140-G Datasheet
52Kb / 2P
   Schottky Barrier Diode
CDBW01540RF-HF COMCHIP-CDBW01540RF-HF Datasheet
106Kb / 5P
   Low IR SMD Schottky Barrier Switching Diodes
CDBW01560RF-HF COMCHIP-CDBW01560RF-HF Datasheet
106Kb / 5P
   Low IR SMD Schottky Barrier Switching Diodes
More results

Similar Description - CDBW-54W-HF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com