Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5101CSD Datasheet(PDF) 6 Page - Texas Instruments

Part # LM5101CSD
Description  High-Voltage, High-Side and Low-Side Gate Drivers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5101CSD Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5101CSD Datasheet HTML 2Page - Texas Instruments LM5101CSD Datasheet HTML 3Page - Texas Instruments LM5101CSD Datasheet HTML 4Page - Texas Instruments LM5101CSD Datasheet HTML 5Page - Texas Instruments LM5101CSD Datasheet HTML 6Page - Texas Instruments LM5101CSD Datasheet HTML 7Page - Texas Instruments LM5101CSD Datasheet HTML 8Page - Texas Instruments LM5101CSD Datasheet HTML 9Page - Texas Instruments LM5101CSD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
LM5100A, LM5100B, LM5100C
LM5101A, LM5101B, LM5101C
SNOSAW2Q – SEPTEMBER 2006 – REVISED NOVEMBER 2015
www.ti.com
7.4 Thermal Information
LM5100A,
LM5100x,
LM5100C,
LM5101C
LM5101A
LM5101x
LM5101A
THERMAL METRIC(1)
UNIT
MSOP-
SO PowerPAD
WSON(2)
WSON(2)
SOIC
PowerPAD(2)
8 PINS
8 PINS
8 PINS
10 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance(3)
40
80
37.8
40
170
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
36.7
°C/W
RθJB
Junction-to-board thermal resistance
14.9
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-board characterization parameter
15.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
4.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
4-layer board with Cu finished thickness 1.5, 1, 1, 1.5 oz. Maximum die size used. 5× body length of Cu trace on PCB top.
50-mm × 50-mm ground and power planes embedded in PCB. See Application Note AN-1187 (SNOA401).
(3)
The RθJA is not a given constant for the package and depends on the printed circuit board design and the operating environment.
7.5
Electrical Characteristics
unless otherwise specified, limits are for TJ = 25°C, VDD = VHB = 12 V, VSS = VHS = 0 V, no load on LO or HO
(1).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENTS
TJ = 25°C
0.1
VDD quiescent current,
LI = HI = 0 V
mA
LM5100A/B/C
TJ = –40°C to 125°C
0.2
IDD
TJ = 25°C
0.25
VDD quiescent current,
LI = HI = 0 V
mA
LM5101A/B/C
TJ = –40°C to 125°C
0.4
TJ = 25°C
2
IDDO
VDD operating current
f = 500 kHz
mA
TJ = –40°C to 125°C
3
TJ = 25°C
0.06
IHB
Total HB quiescent current
LI = HI = 0 V
mA
TJ = –40°C to 125°C
0.2
TJ = 25°C
1.6
IHBO
Total HB operating current
f = 500 kHz
mA
TJ = –40°C to 125°C
3
TJ = 25°C
0.1
IHBS
HB to VSS current, quiescent
HS = HB = 100 V
µA
TJ = –40°C to 125°C
10
IHBSO
HB to VSS current, operating
f = 500 kHz
0.4
mA
INPUT PINS
TJ = 25°C
5.4
Input voltage threshold
VIL
Rising Edge
V
LM5100A/B/C
TJ = –40°C to 125°C
4.5
6.3
TJ = 25°C
1.8
Input voltage threshold
VIL
Rising Edge
V
LM5101A/B/C
TJ = –40°C to 125°C
1.3
2.3
Input voltage hysteresis
VIHYS
500
mV
LM5100A/B/C
Input voltage hysteresis
VIHYS
50
mV
LM5101A/B/C
TJ = 25°C
200
RI
Input pulldown resistance
k
Ω
TJ = –40°C to 125°C
100
400
(1)
Minimum and maximum limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through
correlation using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
6
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM5100A LM5100B LM5100C LM5101A LM5101B LM5101C


Similar Part No. - LM5101CSD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5101CSD TI1-LM5101CSD Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
LM5101CSD TI1-LM5101CSD Datasheet
596Kb / 20P
[Old version datasheet]   LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
LM5101CSD/NOPB TI1-LM5101CSD/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
LM5101CSDX TI1-LM5101CSDX Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
LM5101CSDX TI1-LM5101CSDX Datasheet
596Kb / 20P
[Old version datasheet]   LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
More results

Similar Description - LM5101CSD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5100AM_NOPB TI1-LM5100AM_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
National Semiconductor ...
LM5100B NSC-LM5100B Datasheet
812Kb / 15P
   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
Texas Instruments
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
[Old version datasheet]   High Voltage High Side and Low Side Gate Driver
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
   High Voltage High Side and Low Side Gate Driver
logo
Diodes Incorporated
DGD2110 DIODES-DGD2110_V01 Datasheet
1Mb / 12P
   HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16
Rev. 5 - 2 October 2019
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD21814M DIODES-DGD21814M Datasheet
577Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2181M DIODES-DGD2181M Datasheet
576Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2005 DIODES-DGD2005 Datasheet
513Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com