Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5100CMYX Datasheet(PDF) 10 Page - Texas Instruments

Part # LM5100CMYX
Description  High-Voltage, High-Side and Low-Side Gate Drivers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5100CMYX Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5100CMYX Datasheet HTML 6Page - Texas Instruments LM5100CMYX Datasheet HTML 7Page - Texas Instruments LM5100CMYX Datasheet HTML 8Page - Texas Instruments LM5100CMYX Datasheet HTML 9Page - Texas Instruments LM5100CMYX Datasheet HTML 10Page - Texas Instruments LM5100CMYX Datasheet HTML 11Page - Texas Instruments LM5100CMYX Datasheet HTML 12Page - Texas Instruments LM5100CMYX Datasheet HTML 13Page - Texas Instruments LM5100CMYX Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
0.1
1
10
100
1000
FREQUENCY (kHz)
10
100
1000
10000
100000
VDD = 12 V
CL = 0 pF
CL = 4400 pF
CL = 1000 pF
0.1
1
10
100
1000
FREQUENCY (kHz)
100
1000
10000
100000
VDD = 12 V
CL = 4400 pF
CL = 1000 pF
CL = 0 pF
0
2
4
6
8
10
12
OUTPUT VOLTAGE (V)
0.0
3.5
0.5
1.0
1.5
2.0
2.5
3.0
LM5100B/LM5101B
LM5100C/LM5101C
LM5100A/LM5101A
VDD = 12 V
0
2
4
6
8
10
12
OUTPUT VOLTAGE (V)
0.0
3.5
0.5
1.0
1.5
2.0
2.5
3.0
LM5100B/LM5101B
LM5100C/LM5101C
LM5100A/LM5101A
VDD = 12 V
7
8
9
10
11
12
13
14
15
VDD (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
LM5100B/LM5101B
LM5100C/LM5101C
LM5100A/LM5101A
7
8
9
10
11
12
13
14
15
VDD (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
LM5100B/LM5101B
LM5100C/LM5101C
LM5100A/LM5101A
LM5100A, LM5100B, LM5100C
LM5101A, LM5101B, LM5101C
SNOSAW2Q – SEPTEMBER 2006 – REVISED NOVEMBER 2015
www.ti.com
7.7 Typical Characteristics
Figure 3. Peak Sinking Current vs VDD
Figure 2. Peak Sourcing Current vs VDD
Figure 4. Sink Current vs Output Voltage
Figure 5. Source Current vs Output Voltage
Figure 7. LM5101A/B/C IDD vs Frequency
Figure 6. LM5100A/B/C IDD vs Frequency
10
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM5100A LM5100B LM5100C LM5101A LM5101B LM5101C


Similar Part No. - LM5100CMYX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5100CMYX/NOPB TI1-LM5100CMYX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
More results

Similar Description - LM5100CMYX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5100AM_NOPB TI1-LM5100AM_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
National Semiconductor ...
LM5100B NSC-LM5100B Datasheet
812Kb / 15P
   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
Texas Instruments
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
[Old version datasheet]   High Voltage High Side and Low Side Gate Driver
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
   High Voltage High Side and Low Side Gate Driver
logo
Diodes Incorporated
DGD2110 DIODES-DGD2110_V01 Datasheet
1Mb / 12P
   HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16
Rev. 5 - 2 October 2019
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD21814M DIODES-DGD21814M Datasheet
577Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2181M DIODES-DGD2181M Datasheet
576Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2005 DIODES-DGD2005 Datasheet
513Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com