Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5100CMYX Datasheet(PDF) 8 Page - Texas Instruments

Part # LM5100CMYX
Description  High-Voltage, High-Side and Low-Side Gate Drivers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5100CMYX Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5100CMYX Datasheet HTML 4Page - Texas Instruments LM5100CMYX Datasheet HTML 5Page - Texas Instruments LM5100CMYX Datasheet HTML 6Page - Texas Instruments LM5100CMYX Datasheet HTML 7Page - Texas Instruments LM5100CMYX Datasheet HTML 8Page - Texas Instruments LM5100CMYX Datasheet HTML 9Page - Texas Instruments LM5100CMYX Datasheet HTML 10Page - Texas Instruments LM5100CMYX Datasheet HTML 11Page - Texas Instruments LM5100CMYX Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
LM5100A, LM5100B, LM5100C
LM5101A, LM5101B, LM5101C
SNOSAW2Q – SEPTEMBER 2006 – REVISED NOVEMBER 2015
www.ti.com
7.6
Switching Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of –40°C
to +125°C. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise specified, VDD =
VHB = 12 V, VSS = VHS = 0 V, No Load on LO or HO
(1).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LO turnoff propagation delay LM5100A/B/C
20
45
ns
tLPHL
LI Falling to LO Falling
LO turnoff propagation delay LM5101A/B/C
22
56
ns
LO turnon propagation delay LM5100A/B/C
20
45
ns
tLPLH
LI Rising to LO Rising
LO turnon propagation delay LM5101A/B/C
26
56
ns
HO turnoff propagation delay
20
45
ns
LM5100A/B/C
tHPHL
HI Falling to HO Falling
HO turnoff propagation delay
22
56
ns
LM5101A/B/C
LO turnon propagation delay LM5100A/B/C
20
45
ns
tHPLH
HI Rising to HO Rising
LO turnon propagation delay LM5101A/B/C
26
56
ns
Delay matching: LO on and HO off
1
10
ns
LM5100A/B/C
tMON
Delay matching: LO on and HO off
4
10
ns
LM5101A/B/C
Delay matching: LO off and HO on
1
10
ns
LM5100A/B/C
tMOFF
Delay matching: LO on and HO off
4
10
ns
LM5101A/B/C
tRC, tFC
Either output rise and fall time
CL = 1000 pF
8
ns
Output rise time (3 V to 9 V)
430
ns
LM5100A/LM5101A
Output rise time (3 V to 9 V)
tR
CL = 0.1 µF
570
ns
LM5100B/LM5101B
Output rise time (3 V to 9 V)
990
ns
LM5100C/LM5101C
Output fall time (3 V to 9 V)
260
ns
LM5100A/LM5101A
Output fall time (3 V to 9 V)
tF
CL = 0.1 µF
430
ns
LM5100B/LM5101B
Output fall time (3 V to 9 V)
715
ns
LM5100C/LM5101C
Minimum input pulse width that changes
tPW
50
ns
the output
IF = 100 mA,
tBS
Bootstrap diode reverse recovery time
37
ns
IR = 100 mA
(1)
Minimum and maximum limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through
correlation using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
8
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM5100A LM5100B LM5100C LM5101A LM5101B LM5101C


Similar Part No. - LM5100CMYX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5100CMYX/NOPB TI1-LM5100CMYX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
More results

Similar Description - LM5100CMYX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5100AM_NOPB TI1-LM5100AM_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
National Semiconductor ...
LM5100B NSC-LM5100B Datasheet
812Kb / 15P
   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
Texas Instruments
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
[Old version datasheet]   High Voltage High Side and Low Side Gate Driver
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
   High Voltage High Side and Low Side Gate Driver
logo
Diodes Incorporated
DGD2110 DIODES-DGD2110_V01 Datasheet
1Mb / 12P
   HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16
Rev. 5 - 2 October 2019
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD21814M DIODES-DGD21814M Datasheet
577Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2181M DIODES-DGD2181M Datasheet
576Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2005 DIODES-DGD2005 Datasheet
513Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com