Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3414SDX Datasheet(PDF) 6 Page - Texas Instruments

Part # LM3414SDX
Description  Common Anode-Capable Constant Current Buck LED Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3414SDX Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3414SDX Datasheet HTML 2Page - Texas Instruments LM3414SDX Datasheet HTML 3Page - Texas Instruments LM3414SDX Datasheet HTML 4Page - Texas Instruments LM3414SDX Datasheet HTML 5Page - Texas Instruments LM3414SDX Datasheet HTML 6Page - Texas Instruments LM3414SDX Datasheet HTML 7Page - Texas Instruments LM3414SDX Datasheet HTML 8Page - Texas Instruments LM3414SDX Datasheet HTML 9Page - Texas Instruments LM3414SDX Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LM3414, LM3414HV
SNVS678F – JUNE 2010 – REVISED NOVEMBER 2015
www.ti.com
Electrical Characteristics (continued)
MIN and MAX limits apply for TJ = –40°C to 125°C unless specified otherwise. VIN = 24 V unless otherwise indicated.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
INTERNAL VOLTAGE REGULATOR
CVCC = 1 µF, No Load to IVCC = 2
4.7
5.4
6
V
mA
VCC
VCC regulator output voltage
(3)
VIN = 4.5 V, 2-mA Load
3.8
4.2
V
MAIN SWITCH
RLX
Resistance across LX and GND
Main Switch Turned ON
1.8
THERMAL PROTECTION
TSD
Thermal shutdown temperature
TJ Rising
170
°C
Thermal shutdown temperature
TSD-HYS
TJ Falling
10
°C
hysteresis
(3)
VCC provides self bias for the internal gate drive and control circuits. Device thermal limitations limit external loading to the pin.
6.6 Typical Characteristics
All curves taken at VIN = 48 V with configuration in typical application for driving twelve power LEDs with ILED = 1 A shown in
this data sheet. TA = 25°C, unless otherwise specified.
Figure 1. IOUT vs VIN, (4 - 8 LED), LM3414HV
Figure 2. IOUT vs VIN, (10 - 18 LED), LM3414HV
Figure 3. Efficiency vs VIN, (4 - 8 LED), LM3414HV
Figure 4. Efficiency vs VIN, (10 - 18 LED), LM3414HV
6
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LM3414 LM3414HV


Similar Part No. - LM3414SDX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3414SDX NSC-LM3414SDX Datasheet
401Kb / 20P
   1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Texas Instruments
LM3414SDX TI-LM3414SDX Datasheet
1Mb / 25P
[Old version datasheet]   1A 60W Common Anode Capable Constant Current Buck LED Driver Requires No
LM3414SDX/NOPB TI1-LM3414SDX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   60-W Common Anode-Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
More results

Similar Description - LM3414SDX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3414HVMRX TI-LM3414HVMRX Datasheet
1Mb / 25P
[Old version datasheet]   1A 60W Common Anode Capable Constant Current Buck LED Driver Requires No
logo
National Semiconductor ...
LM3414 NSC-LM3414 Datasheet
401Kb / 20P
   1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Texas Instruments
LM3414 TI1-LM3414 Datasheet
1Mb / 32P
[Old version datasheet]   60-W Common Anode-Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
TPS92511 TI1-TPS92511 Datasheet
1Mb / 31P
[Old version datasheet]   500-mA, 65-V Common Anode Constant Current Buck LED Driver Without External Current Sensing Resistor
logo
Recom International Pow...
RCD-48 RECOM-RCD-48 Datasheet
114Kb / 4P
   Constant Current Buck LED Driver
RCDE-48 RECOM-RCDE-48 Datasheet
880Kb / 7P
   Constant Current Buck LED Driver
logo
Shenzhen Huazhimei Semi...
HM7135 HMSEMI-HM7135 Datasheet
420Kb / 7P
   Linear buck LED constant current driver
logo
QX Micro Devices Co.,Lt...
QX7135 QXMD-QX7135 Datasheet
2Mb / 2P
   Linear buck LED constant current driver
logo
Shenzhen Tianyuan Semic...
TP8021A TPOWER-TP8021A Datasheet
551Kb / 5P
   Average Current Type LED Buck Constant Current Driver
logo
National Semiconductor ...
LM3434 NSC-LM3434 Datasheet
369Kb / 14P
   Common Anode Capable High Brightness LED Driver with High Frequency Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com